Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 274 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 274 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 270Page - National Semiconductor (TI) CS5535 Datasheet HTML 271Page - National Semiconductor (TI) CS5535 Datasheet HTML 272Page - National Semiconductor (TI) CS5535 Datasheet HTML 273Page - National Semiconductor (TI) CS5535 Datasheet HTML 274Page - National Semiconductor (TI) CS5535 Datasheet HTML 275Page - National Semiconductor (TI) CS5535 Datasheet HTML 276Page - National Semiconductor (TI) CS5535 Datasheet HTML 277Page - National Semiconductor (TI) CS5535 Datasheet HTML 278Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 555 page
background image
www.national.com
274
Revision 0.8
USB Register Descriptions (Continued)
5.5.3.10
BIST (USBC_PCI_BIST)
5.5.3.11
Base Address Register (USBC_PCI_BAR)
This BAR sets the base address of the memory mapped USB controller registers. Bits [11:0] are read only (0000 0000
0000), indicating a 4 kB memory address range. Refer to Section 5.5.4 "Host Controller Native Registers" on page 277 for
the USB controller register bit formats and reset values.
USBC_PCI_HEADER Bit Descriptions
Bit
Name
Description
7:0
PCI_HEADER
PCI Header Type. This register identifies the type of the predefined header in the con-
figuration space. Since the USB is a single function device and not a PCI-to-PCI bridge,
this byte should be read as 00h.
Index
0Fh
Type
RO
Reset Value
00h
USBC_PCI_BIST Register Map
76
54
32
10
PCI_BIST
USBC_PCI_BIST Bit Descriptions
Bit
Name
Description
7:0
PCI_BIST
PCI BIST. This register identifies the control and status of Built In Self Test. The USB
does not implement BIST, so this register is read only.
Index
10h
Type
R/W
Reset Value
00000000h
USBC_PCI_BAR Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
BASE_ADDR
ADDR_RNG
WIDTH
USBC_PCI_BAR Bit Descriptions
Bit
Name
Description
31:12
BASE_ADDR
Base Address. POST writes the value of the memory base address to this register.
11:4
ADDR_RNG
Address Range (Always 0.) Indicates a 4k byte address range is requested.
3PREFETCH
Prefetch (Always 0). Indicates there is no support for prefetchable memory.
2:1
WIDTH
Width (Always 0). Indicates that the base register is 32-bits wide and can be placed
anywhere in 32-bit memory space.
0MEM
Memory (Always 0). Indicates that the operational registers are mapped into memory
space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com