Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 271 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 271 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 267Page - National Semiconductor (TI) CS5535 Datasheet HTML 268Page - National Semiconductor (TI) CS5535 Datasheet HTML 269Page - National Semiconductor (TI) CS5535 Datasheet HTML 270Page - National Semiconductor (TI) CS5535 Datasheet HTML 271Page - National Semiconductor (TI) CS5535 Datasheet HTML 272Page - National Semiconductor (TI) CS5535 Datasheet HTML 273Page - National Semiconductor (TI) CS5535 Datasheet HTML 274Page - National Semiconductor (TI) CS5535 Datasheet HTML 275Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 555 page
background image
Revision 0.8
271
www.national.com
USB Register Descriptions (Continued)
5.5.3.3
Command (USBC_PCI_CMD)
5.5.3.4
Status (USBC_PCI_STS)
Index
04h
Type
R/W
Reset Value
0000h
USBC_PCI_CMD Register Map
15
14
13
12
11
10
9876
5432
10
RSVD
FB2B_
EN
SERR
WS_
CTL
PAR
VGA_
SNP_
EN
MEMW
_INV
SPC_
CYC
MSTR_
EN
MEM
IO
USBC_PCI_CMD Bit Descriptions
Bit
Name
Description
15:10
RSVD
Reserved. Set to 0.
9
FB2B_EN (RO)
Fast Back-to-Back Enable (Read Only). USB only acts as a master to a single device,
so this functionality is not needed. It is always disabled (must always be set to 0).
8
SERR
System Error. USB asserts SERR# when it detects an address parity error.
0: Disable; 1: Enable.
7WS_CTL
Wait Cycle Control. USB does not need to insert a wait state between the address and
data on the AD lines. It is always disabled (bit is set to 0).
6PAR
Parity Error. USB asserts PERR# when it is the agent receiving data and it detects a
data parity error. 0: Disable; 1: Enable.
5VGA_SNP_EN
(RO)
VGA Palette Snoop Enable (Read Only). USB does not support this function. It is
always disabled (bit is set to 0).
4MEMW_INV
Memory Write and Invalidate: Allow USB to run Memory Write and Invalidate com-
mands. 0: Disable; 1: Enable.
The Memory Write and Invalidate commands only occur if the cache line size is set to
32 bytes and the memory write is exactly one cache line.
This bit is ignored by the GeodeLink Adapter and hence the setting is a ‘don’t care’.
3
SPC_CYC
Special Cycles. USB does not run special cycles on PCI. It is always disabled (bit is
set to 0).
2
MSTR_EN
PCI Master Enable. Allow USB to run PCI master cycles. 0: Disable; 1: Enable.
1MEM
Memory Space. Allow USB to respond as a target to memory cycles. 0: Disable; 1:
Enable.
0IO
I/O Space. Allow USB to respond as a target to I/O cycles. 0: Disable; 1: Enable.
Index
06h
Type
R/W
Reset Value
0280h
USBC_PCI_STS Register Map
15
14
13
12
11
10
9876
5432
10
PAR_
ERR
SERR_
STS
RCVD_
MSTR_
ABT_
STS
RCVD_
TRGT_
ABT_
STS
SIG_
TRGT_
ABT_
STS
DEVSEL_TIME DATA_
PAR
FB2B
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com