Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 270 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 270 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 266Page - National Semiconductor (TI) CS5535 Datasheet HTML 267Page - National Semiconductor (TI) CS5535 Datasheet HTML 268Page - National Semiconductor (TI) CS5535 Datasheet HTML 269Page - National Semiconductor (TI) CS5535 Datasheet HTML 270Page - National Semiconductor (TI) CS5535 Datasheet HTML 271Page - National Semiconductor (TI) CS5535 Datasheet HTML 272Page - National Semiconductor (TI) CS5535 Datasheet HTML 273Page - National Semiconductor (TI) CS5535 Datasheet HTML 274Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 555 page
background image
www.national.com
270
Revision 0.8
USB Register Descriptions (Continued)
5.5.3
USB Embedded PCI Configuration Registers
5.5.3.1
Vendor Identification (USBC_PCI_ VENID)
5.5.3.2
Device Identification (USBC_PCI_DEVID)
16:14
RCVR2_VADJ
Single Ended Receiver #2 Threshold Voltage Adjustment. For proper operation this
must be set to 100 (4h). See electrical specifications Section 6.3.6 "USB Signals" on
page 540.
13:9
XMIT2_CADJ
Differential Transmitter #2 Slew Rate Current Adjustment. For proper operation this
must be set to 010 (2h). See electrical specifications Section 6.3.6 "USB Signals" on
page 540.
8XCEIV1_PM
Transceiver 1 Power Management Bit. Disables transceiver #1 and puts the trans-
ceiver in a low power state.
0: Enable transceiver.
1: Disable transceiver.
7:5
RCVR1_VADJ
Single Ended Receiver #1 Threshold Voltage Adjustment. For proper operation this
must be set to 100 (4h). See electrical specifications Section 6.3.6 "USB Signals" on
page 540.
4:0
XMIT1_CADJ
Differential Transmitter #1 Slew Rate Current Adjustment. For proper operation this
must be set to 010 (2h). See electrical specifications Section 6.3.6 "USB Signals" on
page 540.
Index
00h
Type
RO
Reset Value
0E11h
USBC_XCVR Bit Description
Bit
Name
Description
USBC_PCI_VENID Register Map
15
14
13
12
11
10
9876
5432
10
VENDOR_ID
USBC_PCI_VENID Bit Descriptions
Bit
Name
Description
15:0
VENDOR_ID
Vendor ID.
Index
02h
Type
RO
Reset Value
A0F8h
USBC_DEVID Register Map
15
14
13
12
11
10
9876
5432
10
DEVICE_ID
USBC_DEVID Bit Descriptions
Bit
Name
Description
15:0
DEVICE_ID
Device ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com