Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 266 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 266 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 262Page - National Semiconductor (TI) CS5535 Datasheet HTML 263Page - National Semiconductor (TI) CS5535 Datasheet HTML 264Page - National Semiconductor (TI) CS5535 Datasheet HTML 265Page - National Semiconductor (TI) CS5535 Datasheet HTML 266Page - National Semiconductor (TI) CS5535 Datasheet HTML 267Page - National Semiconductor (TI) CS5535 Datasheet HTML 268Page - National Semiconductor (TI) CS5535 Datasheet HTML 269Page - National Semiconductor (TI) CS5535 Datasheet HTML 270Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 555 page
background image
www.national.com
266
Revision 0.8
USB Register Descriptions (Continued)
5.5.1.4
GeodeLink Device Error MSR (USBC_GLD_MSR_ERROR)
GLD_MSR_SMI Bit Descriptions
Bit
Name
Description
63:34
RSVD
Reserved. Returns 0 on read.
33
USB_INT_ASMI
FLAG
USB Interrupt Flag. If high, records that an ASMI was generated due to an INT being
generated by the USB module. The INT condition is cleared inside the USB module
core. Write 1 to clear the flag; writing 0 has no effect. (Also see bit 1 description.)
32
USB_ASMI_FLAG
USB ASMI Flag. If high, records that an ASMI was generated by the USB module. The
ASMI condition is cleared inside the USB module. Write 1 to clear the flag; writing 0
has no effect. (Also see bit 0 description.)
31:2
RSVD
Reserved. Returns 0 on read.
1
USB_INT_ASMI_
EN
USB Interrupt Enable. If this bit is high, the INT generated by the USB module is used
to generate a GeodeLink ASMI.
0
USB_ASMI_EN
USB ASMI Enable. If this bit is high, the ASMI generated by the USB module is used
to generate a GeodeLink ASMI.
MSR Address
USBC1: 51600003h
USBC2: 51200003h
Type
R/W
Reset Value
00000000_00000000h
USBC_GLD_MSR_ERROR Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
RSVD
USBC_GLD_MSR_ERROR Bit Descriptions
Bit
Name
Description
63:44
RSVD
Reserved. Returns 0 on read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com