Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 268 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 268 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 264Page - National Semiconductor (TI) CS5535 Datasheet HTML 265Page - National Semiconductor (TI) CS5535 Datasheet HTML 266Page - National Semiconductor (TI) CS5535 Datasheet HTML 267Page - National Semiconductor (TI) CS5535 Datasheet HTML 268Page - National Semiconductor (TI) CS5535 Datasheet HTML 269Page - National Semiconductor (TI) CS5535 Datasheet HTML 270Page - National Semiconductor (TI) CS5535 Datasheet HTML 271Page - National Semiconductor (TI) CS5535 Datasheet HTML 272Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 555 page
background image
www.national.com
268
Revision 0.8
USB Register Descriptions (Continued)
5.5.1.5
GeodeLink Device Power Management MSR (USBC_GLD_MSR_PM)
10
SYS_ERR_EN
System Error Enable. Write 1 to enable SYS_ERR_FLAG (bit 42) and to allow the
event to generate an ERR.
9
PARIN_ERR_EN
Parity Error In Enable. Write 1 to enable PARIN_ERR_FLAG (bit 41) and to allow the
event to generate an ERR.
8
PAROUT_ERR_
EN
Parity Error Out Enable. Write 1 to enable PAROUT_ERR_FLAG (bit 40) and to allow
the event to generate an ERR.
7
TIMEOUT_ERR_
EN
Timeout Error Enable. Write 1 to enable TIMEOUT_ERR_FLAG (bit 39) and to allow
the event to generate an ERR.
6
PA_SVADRS_
ERR_EN
PCI Adapter Slave Interface Address Parity Error Enable. Write 1 to enable
PA_SVADRS_ERR_FLAG (bit 38) and to allow the event to generate an ERR.
5
PA_TABORT_
ERR_EN
PCI Adapter Target Abort Error Enable. Write 1 to enable PA_TABORT_ERR_FLAG
(bit 37) and to allow the event to generate an ERR.
4
PA_MABORT_ER
R_EN
PCI Adapter Master Abort Error Enable. Write 1 to enable
PA_MABORT_ERR_FLAG (bit 36) and to allow the event to generate an ERR.
3
EXCEP_ERR_EN
Exception Bit Error Enable. Write 1 to enable EXCEP_ERR_FLAG (bit 35) and to
allow the event to generate an ERR.
2:1
RSVD
Reserved. Writes don’t care. Reads return zero.
0
UNEXP_TYPE_
ERR_EN
Unexpected Type Error Enable. Write 1 to enable UNEXP_TYPE_ERR_FLAG (bit
32) and to allow the event to generate an ERR.
MSR Address
USBC1: 51600004h
USBC2: 51200004h
Type
R/W
Reset Value
00000000_00000000h
USBC_GLD_MSR_ERROR Bit Descriptions (Continued)
Bit
Name
Description
USBC_GLD_MSR_PM Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD
PMODE
2
PMODE
1
PMODE
0
USBC_GLD_MSR_PM Bit Descriptions
Bit
Name
Description
63:6
RSVD
Reserved. Returns 0 on read.
5:4
PMODE2
Power Mode 2. Controls clock behavior for the USB Core.
00: Disable clock gating. Clocks are always on.
01: Enable active hardware clock gating. Clock goes off whenever this module’s circuits
are not busy.
10: Reserved.
11: Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com