Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 264 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 264 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 260Page - National Semiconductor (TI) CS5535 Datasheet HTML 261Page - National Semiconductor (TI) CS5535 Datasheet HTML 262Page - National Semiconductor (TI) CS5535 Datasheet HTML 263Page - National Semiconductor (TI) CS5535 Datasheet HTML 264Page - National Semiconductor (TI) CS5535 Datasheet HTML 265Page - National Semiconductor (TI) CS5535 Datasheet HTML 266Page - National Semiconductor (TI) CS5535 Datasheet HTML 267Page - National Semiconductor (TI) CS5535 Datasheet HTML 268Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 555 page
background image
www.national.com
264
Revision 0.8
USB Register Descriptions (Continued)
5.5.1
Standard GeodeLink Device MSRs
5.5.1.1
GeodeLink Device Capabilities MSR (USBC_GLD_MSR_CAP)
5.5.1.2
GeodeLink Device Master Configuration MSR (USBC_GLD_MSR_CONFIG)
MSR Address
USBC1: 51600000h
USBC2: 51200000h
Type
RO
Reset Value
00000000_002420xxh
USBC_GLD_MSR_CAP Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
DEV_ID
REV_ID
USBC_GLD_MSR_CAP Bit Descriptions
Bit
Name
Description
63:24
RSVD
Reserved. Reads as 0.
23:8
DEV_ID
Device ID. Identifies module (2420h).
7:0
REV_ID
Revision ID. Identifies module revision. See CS5535 I/O Companion Device Errata
document for value.
MSR Address
USBC1: 51600001h
USBC2: 51200001h
Type
R/W
Reset Value
00000000_0000F000h
USBC_GLD_MSR_CONFIG Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
PDP
RSVD
RSVD
USBC_GLD_MSR_CONFIG Bit Descriptions
Bit
Name
Description
63:23
RSVD
Reserved. Writes “don’t care” and reads return 0.
22
PCI_MAST_STOP
_EN
PCI Master Stop Enable.
21:20
PDP
PCI Master Prefetch Decode Policy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com