Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 265 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 265 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 261Page - National Semiconductor (TI) CS5535 Datasheet HTML 262Page - National Semiconductor (TI) CS5535 Datasheet HTML 263Page - National Semiconductor (TI) CS5535 Datasheet HTML 264Page - National Semiconductor (TI) CS5535 Datasheet HTML 265Page - National Semiconductor (TI) CS5535 Datasheet HTML 266Page - National Semiconductor (TI) CS5535 Datasheet HTML 267Page - National Semiconductor (TI) CS5535 Datasheet HTML 268Page - National Semiconductor (TI) CS5535 Datasheet HTML 269Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 555 page
background image
Revision 0.8
265
www.national.com
USB Register Descriptions (Continued)
5.5.1.3
GeodeLink Device SMI MSR (USBC_GLD_MSR_SMI)
19
SEL
Select.
0: Use field [18:16].
1: Use field [22:20].
18:16
FIX_PREFETCH
Fixed Read Prefetch Policy.
000: None. Each read takes a complete trip to memory.
001: Initial read 08 bytes. Read next 8 only when requested.
010: Initial read 16 bytes. Read next 16 only when requested.
011: Initial read 32 bytes. Read next 32 only when requested.
100: Initial read 32 bytes. Read next 32 when 16 bytes left.
101, 110, and 111: Reserved.
15:14
RSVD
Reserved. Read as written.
13
USB_LOPWR_EN
USB Low Power Enable. When 0, the transceiver is prevented from entering the low
power Suspend state. This bit has no functional impact on the transceiver or USB Con-
troller. Defaults to 1 (i.e., Suspend allowed).
12
USB_GLITCHFIX
_EN
USB Glitch Fix Enable: When 0, enable transceiver de-glitch logic. This logic sup-
presses a glitch that can occur when:
1)
The transceiver moves from the suspend state to any other state.
and
2)
A low speed device is connected. The state is defined by HcControl[7:6].
Defaults to 1 (i.e., no glitch suppression).
Note that this bit represents a deviation from the standard MSR_CONFIG register in
Section 3.8.2 "MSR Address 1: Master Configuration" on page 67.
11:0
RSVD
Reserved. Read as written.
MSR Address
USBC1: 51600002h
USBC2: 51200002h
Type
R/W
Reset Value
00000000_00000000h
USBC_GLD_MSR_CONFIG Bit Descriptions (Continued)
Bit
Name
Description
USBC_GLD_MSR_SMI Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com