Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 263 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 263 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 259Page - National Semiconductor (TI) CS5535 Datasheet HTML 260Page - National Semiconductor (TI) CS5535 Datasheet HTML 261Page - National Semiconductor (TI) CS5535 Datasheet HTML 262Page - National Semiconductor (TI) CS5535 Datasheet HTML 263Page - National Semiconductor (TI) CS5535 Datasheet HTML 264Page - National Semiconductor (TI) CS5535 Datasheet HTML 265Page - National Semiconductor (TI) CS5535 Datasheet HTML 266Page - National Semiconductor (TI) CS5535 Datasheet HTML 267Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 555 page
background image
Revision 0.8
263
www.national.com
USB Register Descriptions (Continued)
Table 5-16. USB Host Controller Native Registers Summary
USB
Memory
Offset
Width
(Bits)
Type
Register Name
Reset Value
Reference
HCD
HC
00h
32
RO
RO
Host Controller Revision
(USBC_HcRevision)
00000110h
Page 277
04h
32
R/W
R/W
Host Controller Control (USBC_HcControl)
00000000h
Page 277
08h
32
R/W
R/W
Host Controller Command Status
(USBC_HcCommandStatus)
00000000h
Page 279
0Ch
32
R/W
R/W
Host Controller Interrupt Status
(USBC_HcInterruptStatus)
00000000h
Page 279
10h
32
R/W
RO
Host Controller Interrupt Enable
(USBC_HcInterruptEnable)
00000000h
Page 280
14h
32
R/W
RO
Host Controller Interrupt Disable
(USBC_HcInterruptDisable)
00000000h
Page 282
18h
32
R/W
RO
Host Controller HCCA (USBC_HcHCCA)
00000000h
Page 283
1Ch
32
RO
R/W
Host Controller Current Period List ED
(USBC_HcPeriodCurrentED)
00000000h
Page 283
20h
32
R/W
RO
Host Controller Control List Head ED
(USBC_HcControlHeadED)
00000000h
Page 283
24h
32
R/W
R/W
Host Controller Current Control List ED
(USBC_HcControlCurrentED)
00000000h
Page 284
28h
32
R/W
RO
Host Controller Bulk List Head ED
(USBC_HcBulkHeadED)
00000000h
Page 284
2Ch
32
R/W
R/W
Host Controller Current Bulk List ED
(USBC_HcBulkCurrentED)
00000000h
Page 284
30h
32
RO
R/W
Host Controller Current Done List Head ED
(USBC_HcDoneHead)
00000000h
Page 285
34h
32
R/W
RO
Host Controller Frame Interval
(USBC_HcFmInterval)
00002EDFh
Page 285
38h
32
RO
R/W
Host Controller Frame Remaining
(USBC_HcFrameRemaining)
00000000h
Page 286
3Ch
32
RO
R/W
Host Controller Frame Number
(USBC_HcFmNumber)
00000000h
Page 286
40h
32
R/W
RO
Host Controller Periodic Start
(USBC_HcPeriodicStart)
00000000h
Page 287
44h
32
R/W
RO
Host Controller Low Speed Threshold
(USBC_HcLSThreshold)
00000628h
Page 287
48h
32
R/W
RO
Host Controller Root Hub Descriptor A
(USBC_HcRhDescriptorA)
01000002h
Page 287
4Ch
32
R/W
RO
Host Controller Root Hub Descriptor B
(USBC_HcRhDescriptorB)
00000000h
Page 289
50h
32
R/W
R/W
Host Controller Root Hub Status
(USBC_HcRhStatus)
00000000h
Page 289
54h
32
R/W
R/W
Host Controller Root Hub Port Status 1
(USBC_HcRhPortStatus[1])
00000000h
Page 290
58h
32
R/W
R/W
Host Controller Root Hub Port Status 2
(USBC_HcRhPortStatus[2])
00000000h
Page 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com