Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 262 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 262 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 258Page - National Semiconductor (TI) CS5535 Datasheet HTML 259Page - National Semiconductor (TI) CS5535 Datasheet HTML 260Page - National Semiconductor (TI) CS5535 Datasheet HTML 261Page - National Semiconductor (TI) CS5535 Datasheet HTML 262Page - National Semiconductor (TI) CS5535 Datasheet HTML 263Page - National Semiconductor (TI) CS5535 Datasheet HTML 264Page - National Semiconductor (TI) CS5535 Datasheet HTML 265Page - National Semiconductor (TI) CS5535 Datasheet HTML 266Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 555 page
background image
www.national.com
262
Revision 0.8
USB Register Descriptions (Continued)
Table 5-14. USB Specific MSRs Summary
MSR Address
Type
Register Name
Reset Value
Reference
USBC1: 51600008h
USBC2: 51200008h
R/W
USB Transceiver Control
(USBC_XCVR_CNTRL)
00000000_00020100h
Page 269
Table 5-15. USB Embedded PCI Configuration Registers Summary
Index
Type
Width
(Bits)
Register Name
Reset Value
Reference
00h
RO
16
Vendor Identification (USBC_PCI_ VENID)
0E11h
Page 270
02h
RO
16
Device Identification (USBC_PCI_DEVID)
A0F8h
Page 270
04h
R/W
16
Command (USBC_PCI_CMD)
0000h
Page 271
06h
R/W
16
Status (USBC_PCI_STS)
0280h
Page 271
08h
RO
8
Device Revision Identification
(USBC_PCI_DEVREVID)
06h
Page 272
09h
RO
24
PCI Class Code (USBC_PCI_CLASS)
0C0310h
Page 272
0Ch
R/W
8
Cache Line Size (USBC_PCI_CACHE)
00h
Page 273
0Dh
R/W
8
Latency Timer (USBC_PCI_LTNCY_TMR)
00h
Page 273
0Eh
R/W
8
Header Type (USBC_PCI_HEADER)
00h
Page 273
0Fh
RO
8
BIST (USBC_PCI_BIST)
00h
Page 274
10h
R/W
32
Base Address Register (USBC_PCI_BAR)
00000000h
Page 274
3Ch
R/W
8
Interrupt Line (USBC_PCI_INT_LINE)
00h
Page 275
3Dh
R/W
8
Interrupt Pin (USBC_PCI_INT_PIN)
01h
Page 275
3Eh
R/W
8
Minimum Grant (USBC_PCI_MIN_GNT)
00h
Page 275
3Fh
R/W
8
Maximum Latency (USBC_PCI_MAX_LTNCY)
50h
Page 276
40h
R/W
32
ASIC Test Mode Enable (USBC_PCI_ASIC_TEST)
000F0000h
Page 276
44h
R/W
16
ASIC Operational Mode Enable
(USBC_PCI_ASIC_MODE)
0000h
Page 276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com