Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 258 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 258 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 254Page - National Semiconductor (TI) CS5535 Datasheet HTML 255Page - National Semiconductor (TI) CS5535 Datasheet HTML 256Page - National Semiconductor (TI) CS5535 Datasheet HTML 257Page - National Semiconductor (TI) CS5535 Datasheet HTML 258Page - National Semiconductor (TI) CS5535 Datasheet HTML 259Page - National Semiconductor (TI) CS5535 Datasheet HTML 260Page - National Semiconductor (TI) CS5535 Datasheet HTML 261Page - National Semiconductor (TI) CS5535 Datasheet HTML 262Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 555 page
background image
www.national.com
258
Revision 0.8
ATAC Register Descriptions (Continued)
5.4.2.5
Channel 0 Drive 1 PIO (ATAC_CH0D1_PIO)
Refer to Section 5.4.2.3 "Channel 0 Drive 0 PIO (ATAC_CH0D0_PIO)" on page 255 for bit descriptions.
5.4.2.6
Channel 0 Drive 1 DMA (ATAC_CH0D1_DMA)
Refer to Section 5.4.2.4 "Channel 0 Drive 0 DMA (ATAC_CH0D0_DMA)" on page 256 for bit descriptions.
5.4.2.7
PCI Abort Error (ATAC_PCI_ABRTERR)
5.4.3
ATAC Native Registers
5.4.3.1
Bus Master 0 Command - Primary (ATAC_BM0_CMD_PRIM)
MSR Address
51300022h
Type
R/W
Reset Value
00000000_00009172h
MSR Address
51300023h
Type
R/W
Reset Value
00000000_00077771h
MSR Address
51300024h
Type
R/W
Reset Value
00000000_00000000h
ATAC_PCI_ABRTERR Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
Read: RSVD; Write: PCI_ABORT
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Read: RSVD; Write: PCI_ABORT
ATAC_PCI_ABRTERR Bit Descriptions
Bit
Name
Description
63:0
RSVD/PCI_ABORT
Reserved. Return 0 on read.
PCI Abort. Write (of any value) to this register will set bit 1 of Bus Master 0 Status
Register.
ATAC I/O Address 00h
Type
R/W
Reset Value
00h
ATAC_BM0_CMD_PRIM Register Map
76
54
32
10
RSVD
RWCTL
RSVD
BMCTL
ATAC_BM0_CMD_PRIM Bit Descriptions
Bit
Name
Description
7:4
RSVD
Reserved. Set to 0. Return 0 on read.
3RWCTL
Read or Write Control. Sets the direction of bus master transfers.
0: PCI reads performed.
1: PCI writes performed.
This bit should not be changed when the bus master is active.
2:1
RSVD
Reserved. Set to 0. Return 0 on read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com