Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 254 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 254 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 250Page - National Semiconductor (TI) CS5535 Datasheet HTML 251Page - National Semiconductor (TI) CS5535 Datasheet HTML 252Page - National Semiconductor (TI) CS5535 Datasheet HTML 253Page - National Semiconductor (TI) CS5535 Datasheet HTML 254Page - National Semiconductor (TI) CS5535 Datasheet HTML 255Page - National Semiconductor (TI) CS5535 Datasheet HTML 256Page - National Semiconductor (TI) CS5535 Datasheet HTML 257Page - National Semiconductor (TI) CS5535 Datasheet HTML 258Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 555 page
background image
www.national.com
254
Revision 0.8
ATAC Register Descriptions (Continued)
5.4.2
ATAC Specific MSRs
5.4.2.1
I/O Base Address (ATAC_IO_BAR)
This register sets the base address of the I/O mapped bus mastering IDE and controller registers. Bits [2:0] are read only
(001), indicating an 8-byte I/O address range.
5.4.2.2
Reset Decode (ATAC_RESET)
MSR Address
51300008h
Type
R/W
Reset Value
00000000_00000001h
ATAC_IO_BAR Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD
BM_IDE_BAR
ADD_RNG
ATAC_IO_BAR Bit Descriptions
Bit
Name
Description
63:33
RSVD
Reserved. Write as 0. Return 0 on read.
32
BM_IDE_BAR_
EN
Bus Mastering IDE Base Address Enable. This bit should be set to enable access to
the native register set after the base address has been set.
0: Disable (i.e., cannot access native registers in ATAC).
1: Enable (normal operation).
31:17
RSVD
Reserved. Write to 0. Return 0 on read.
16:3
BM_IDE_BAR
Bus Mastering IDE Base Address. These bits form the base address of the ATAC
native register set. Users may write the full address, including bits [2:0], knowing that
bits [2:0] will drop off and be assumed as 000.
2:0
ADD_RNG (RO)
Address Range (Read Only). Hard wired to 001. This indicates that the I/O base
address is in units of bytes.
MSR Address
51300010h
Type
R/W
Reset Value
00000000_00000000h
ATAC_RESET Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com