Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 250 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 250 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 246Page - National Semiconductor (TI) CS5535 Datasheet HTML 247Page - National Semiconductor (TI) CS5535 Datasheet HTML 248Page - National Semiconductor (TI) CS5535 Datasheet HTML 249Page - National Semiconductor (TI) CS5535 Datasheet HTML 250Page - National Semiconductor (TI) CS5535 Datasheet HTML 251Page - National Semiconductor (TI) CS5535 Datasheet HTML 252Page - National Semiconductor (TI) CS5535 Datasheet HTML 253Page - National Semiconductor (TI) CS5535 Datasheet HTML 254Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 555 page
background image
www.national.com
250
Revision 0.8
ATAC Register Descriptions (Continued)
5.4.1.3
GeodeLink Device SMI MSR (ATAC_GLD_MSR_SMI)
The flags are set by internal conditions. The internal conditions are enabled if the EN bit is 1. Reading the FLAG bit returns
the value; writing 1 clears the flag; writing 0 has no effect. (See Section 3.8.3 "MSR Address 2: SMI Control" on page 67 for
further details.)
MSR Address
51300002h
Type
R/W
Reset Value
00000000_00000000h
ATAC_GLD_MSR_SMI Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
ATAC_GLD_MSR_SMI Bit Descriptions
Bit
Name
Description
63:34
RSVD
Reserved. Read returns 0.
33
IDE_CH0_IRQ_
ASMI_FLAG
IDE Channel 0 IRQ ASMI Flag. If high, records that an ASMI was generated due to an
IRQ event. Write 1 to clear; writing 0 has no effect. IDE_CH0_IRQ_ASMI_EN (bit 1)
must be set to enable this event and set flag.
32
IDE_PIO_SSMI
FLAG
IDE Programmable I/O SSMI Flag. If high, records that an SSMI was generated due to
a PIO transaction occurring during a DMA command. Write 1 to clear; writing 0 has no
effect. IDE_PIO_SMI_EN (bit 0) must be set to enable this event and set flag.
31:2
RSVD
Reserved. Read returns 0.
1
IDE_CH0_IRQ_
ASMI_EN
IDE Channel 0 IRQ ASMI Mask. Write 1 to enable IDE_CH0_IRQ_ASMI_FLAG (bit
33) and to allow the event to generate an ASMI.
0
IDE_PIO_SSMI
EN
IDE Programmable I/O SSMI Mask. Write 1 to enable IDE_PIO_SSMI_FLAG (bit 32)
and to allow the event to generate an SSMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com