Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 246 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 246 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 242Page - National Semiconductor (TI) CS5535 Datasheet HTML 243Page - National Semiconductor (TI) CS5535 Datasheet HTML 244Page - National Semiconductor (TI) CS5535 Datasheet HTML 245Page - National Semiconductor (TI) CS5535 Datasheet HTML 246Page - National Semiconductor (TI) CS5535 Datasheet HTML 247Page - National Semiconductor (TI) CS5535 Datasheet HTML 248Page - National Semiconductor (TI) CS5535 Datasheet HTML 249Page - National Semiconductor (TI) CS5535 Datasheet HTML 250Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 555 page
background image
www.national.com
246
Revision 0.8
ACC Register Descriptions (Continued)
5.3.2.10
Bus Master 0-7 DMA Pointer Registers (ACC_BM[x]_PNTR)
Bus Master 0 DMA Pointer (ACC_BM0_PNTR)
Bus Master 1 DMA Pointer (ACC_BM1_PNTR)
Bus Master 2 DMA Pointer (ACC_BM2_PNTR)
Bus Master 3 DMA Pointer (ACC_BM3_PNTR)
Bus Master 4 DMA Pointer (ACC_BM4_PNTR)
Bus Master 5 DMA Pointer (ACC_BM5_PNTR)
Bus Master 6 DMA Pointer (ACC_BM6_PNTR)
Bus Master 7 DMA Pointer (ACC_BM7_PNTR)
ACC I/O Offset
60h
Type
RO
Reset Value
00000000h
ACC I/O Offset
64h
Type
RO
Reset Value
00000000h
ACC I/O Offset
68h
Type
RO
Reset Value
00000000h
ACC I/O Offset
6Ch
Type
RO
Reset Value
00000000h
ACC I/O Offset
70h
Type
RO
Reset Value
00000000h
ACC I/O Offset
74h
Type
RO
Reset Value
00000000h
ACC I/O Offset
78h
Type
RO
Reset Value
00000000h
ACC I/O Offset
7Ch
Type
RO
Reset Value
00000000h
ACC_BM[x]_PNTR Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
DMA_PNTR
ACC_BM[x]_PNTR Bit Descriptions
Bit
Name
Description
31:0
DMA_PNTR
DMA Buffer Pointer. Address of current sample being fetched (BM [0,2,4,6,7]) or writ-
ten (BM [1,3,5]) by the DMA Bus Master [x].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com