Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 249 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 249 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 245Page - National Semiconductor (TI) CS5535 Datasheet HTML 246Page - National Semiconductor (TI) CS5535 Datasheet HTML 247Page - National Semiconductor (TI) CS5535 Datasheet HTML 248Page - National Semiconductor (TI) CS5535 Datasheet HTML 249Page - National Semiconductor (TI) CS5535 Datasheet HTML 250Page - National Semiconductor (TI) CS5535 Datasheet HTML 251Page - National Semiconductor (TI) CS5535 Datasheet HTML 252Page - National Semiconductor (TI) CS5535 Datasheet HTML 253Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 555 page
background image
Revision 0.8
249
www.national.com
ATAC Register Descriptions (Continued)
5.4.1.2
GeodeLink Device Master Configuration MSR (ATAC_GLD_MSR_CONFIG)
MSR Address
51300001h
Type
R/W
Reset Value
00000000_0000F000h
ATAC_GLD_MSR_CONFIG Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
PRG_PREF
ETCH
RSVD
PRI
PID
ATAC_GLD_MSR_CONFIG Bit Descriptions
Bit
Name
Description
63:23
RSVD
Reserved. Reads as 0.
22:20
PRG_PREFETCH
Programmable Prefetch Code. When bit 19 is set, these three bits determine the
prefetch policy for non-PRD read accesses. PRD read accesses use 001 setting.
000: No prefetch.
001: Prefetch 8 bytes.
010: Prefetch 16 bytes.
011: Prefetch 32 bytes.
100: Prefetch 32 bytes, additional 32 bytes prefetch after 16 bytes have been read.
All other values are reserved.
19
PREFETCH_SEL
Prefetch Select. Select between fixed (when clear) or programmable prefetch policy
codes (when set).
18:16
FIX_PREFETCH
Fixed Prefetch Code. When bit 19 is clear, these three bits determine the prefetch pol-
icy for all read accesses.
000: No prefetch.
001: Prefetch 8 bytes.
010: Prefetch 16 bytes.
011: Prefetch 32 bytes.
100: Prefetch 32 bytes, additional 32 bytes prefetch after 16 bytes have been read.
All other values are reserved.
15:14
DISCARD
Discard. Read prefetch discard policy.
00: Reserved.
01: Discard all data not taken under current local bus grant.
10: Discard all data on any local bus transaction.
11: Discard all data on any local bus write transaction. Always use this value. (Default)
13
NON_COH_WR
Non-Coherent Write.
0: Write requests are coherent.
1: Write requests are non-coherent. Always use this value. (Default)
12
NON_COH_RD
Non-Coherent Read.
0: Read requests are coherent.
1: Read requests are non-coherent. Always use this value. (Default)
11:7
RSVD
Reserved. Reads as 0.
6:4
PRI
Priority Level. Always write 0.
3
RSVD (RO)
Reserved (Read Only). Returns 0.
2:0
PID
Priority ID. Always write 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com