Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 245 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 245 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 241Page - National Semiconductor (TI) CS5535 Datasheet HTML 242Page - National Semiconductor (TI) CS5535 Datasheet HTML 243Page - National Semiconductor (TI) CS5535 Datasheet HTML 244Page - National Semiconductor (TI) CS5535 Datasheet HTML 245Page - National Semiconductor (TI) CS5535 Datasheet HTML 246Page - National Semiconductor (TI) CS5535 Datasheet HTML 247Page - National Semiconductor (TI) CS5535 Datasheet HTML 248Page - National Semiconductor (TI) CS5535 Datasheet HTML 249Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 555 page
background image
Revision 0.8
245
www.national.com
ACC Register Descriptions (Continued)
5.3.2.9
Audio Bus Master 7-0 PRD Table Address Registers (ACC_BM[x]_PRD)
Bus Master 0 PRD Table Address (ACC_BM0_PRD)
Bus Master 1 PRD Table Address (ACC_BM1_PRD)
Bus Master 2 PRD Table Address (ACC_BM2_PRD)
Bus Master 3 PRD Table Address (ACC_BM3_PRD)
Bus Master 4 PRD Table Address (ACC_BM4_PRD)
Bus Master 5 PRD Table Address (ACC_BM5_PRD)
Bus Master 6 PRD Table Address (ACC_BM6_PRD)
Bus Master 7 PRD Table Address (ACC_BM7_PRD)
ACC I/O Offset
24h
Type
R/W
Reset Value
00000000h
ACC I/O Offset
2Ch
Type
R/W
Reset Value
00000000h
ACC I/O Offset
34h
Type
R/W
Reset Value
00000000h
ACC I/O Offset
3Ch
Type
R/W
Reset Value
00000000h
ACC I/O Offset
44h
Type
R/W
Reset Value
00000000h
ACC I/O Offset
4Ch
Type
R/W
Reset Value
00000000h
ACC I/O Offset
54h
Type
R/W
Reset Value
00000000h
ACC I/O Offset
5Ch
Type
R/W
Reset Value
00000000h
ACC_BM[x]_PRD Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
PRD_PNTR
RSVD
ACC_BM[x]_PRD Bit Descriptions
Bit
Name
Description
31:2
PRD_PNTR
Pointer to the Physical Region Descriptor Table. This register is a PRD table pointer
for Audio Bus Master [x].
When written, this register points to the first entry in a PRD table. Once Audio Bus Mas-
ter [x] is enabled (Command Register bit 0 = 1), it loads the pointer and updates this
register to the next PRD by adding 08h.
When read, this register points to the next PRD.
1:0
RSVD
Reserved. Reads return 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com