Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 241 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 241 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 237Page - National Semiconductor (TI) CS5535 Datasheet HTML 238Page - National Semiconductor (TI) CS5535 Datasheet HTML 239Page - National Semiconductor (TI) CS5535 Datasheet HTML 240Page - National Semiconductor (TI) CS5535 Datasheet HTML 241Page - National Semiconductor (TI) CS5535 Datasheet HTML 242Page - National Semiconductor (TI) CS5535 Datasheet HTML 243Page - National Semiconductor (TI) CS5535 Datasheet HTML 244Page - National Semiconductor (TI) CS5535 Datasheet HTML 245Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 555 page
background image
Revision 0.8
241
www.national.com
ACC Register Descriptions (Continued)
5.3.2.5
Second Level Audio IRQ Status Register (ACC_IRQ_STATUS)
ACC I/O Offset
12h
Type
RO
Reset Value
00000000h
ACC_IRQ_STATUS Register Map
15
14
13
12
11
10
987
6543
210
RSVD
ACC_IRQ_STATUS Bit Descriptions
Bit
Name
Description
15:10
RSVD
Reserved. Reads return 0.
9
BM7_IRQ_STS
Audio Bus Master 7 IRQ Status. If this bit is set, it indicates that an IRQ was caused
by an event occurring on Audio Bus Master 7. Reading the Bus Master 7 IRQ Status
Register clears this bit.
8
BM6_IRQ_STS
Audio Bus Master 6 IRQ Status. If this bit is set, it indicates that an IRQ was caused
by an event occurring on Audio Bus Master 6. Reading the Bus Master 6 IRQ Status
Register clears this bit.
7
BM5_IRQ_STS
Audio Bus Master 5 IRQ Status. If this bit is set, it indicates that an IRQ was caused
by an event occurring on Audio Bus Master 5. Reading the Bus Master 5 IRQ Status
Register clears this bit.
6
BM4_IRQ_STS
Audio Bus Master 4 IRQ Status. If this bit is set, it indicates that an IRQ was caused
by an event occurring on Audio Bus Master 4. Reading the Bus Master 4 IRQ Status
Register clears this bit.
5
BM3_IRQ_STS
Audio Bus Master 3 IRQ Status. If this bit is set, it indicates that an IRQ was caused
by an event occurring on Audio Bus Master 3. Reading the Bus Master 3 IRQ Status
Register clears this bit.
4
BM2_IRQ_STS
Audio Bus Master 2 IRQ Status. If this bit is set, it indicates that an IRQ was caused
by an event occurring on Audio Bus Master 2. Reading the Bus Master 2 IRQ Status
Register clears this bit.
3
BM1_IRQ_STS
Audio Bus Master 1 IRQ Status. If this bit is set, it indicates that an IRQ was caused
by an event occurring on Audio Bus Master 1. Reading the Bus Master 1 IRQ Status
Register clears this bit.
2
BM0_IRQ_STS
Audio Bus Master 0 IRQ Status. If this bit is set, it indicates that an IRQ was caused
by an event occurring on Audio Bus Master 0. Reading the Bus Master 0 IRQ Status
Register clears this bit.
1WU_IRQ_STS
Codec GPIO Wakeup IRQ Status. If this bit is set, it indicates that an IRQ was caused
by a GPIO Wakeup Interrupt event (serial data in going high during power-down).
Reading the Codec GPIO Status Register clears this bit.
0IRQ_STS
Codec GPIO IRQ Status. If this bit is set, it indicates that an IRQ was caused by a
GPIO event in the AC97 Codec (slot 12, bit 0). Reading the Codec GPIO Status Regis-
ter clears this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com