Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 238 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 238 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 234Page - National Semiconductor (TI) CS5535 Datasheet HTML 235Page - National Semiconductor (TI) CS5535 Datasheet HTML 236Page - National Semiconductor (TI) CS5535 Datasheet HTML 237Page - National Semiconductor (TI) CS5535 Datasheet HTML 238Page - National Semiconductor (TI) CS5535 Datasheet HTML 239Page - National Semiconductor (TI) CS5535 Datasheet HTML 240Page - National Semiconductor (TI) CS5535 Datasheet HTML 241Page - National Semiconductor (TI) CS5535 Datasheet HTML 242Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 555 page
background image
www.national.com
238
Revision 0.8
ACC Register Descriptions (Continued)
5.3.2.3
Codec Status Register (ACC_CODEC_STATUS)
19:0
PIN_DATA
Codec GPIO Pin Data. This is the GPIO pin data that is sent to the codec in slot 12 of
the serial output stream.
Note:
All 20 bits of the output slot 12 are controllable through this register, even
though some are reserved per the AC97 spec and should be set to zero.
ACC I/O Offset
08h
Type
R/W
Reset Value
00000000h
ACC_CODEC_STATUS Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
STS_ADD
STS_DATA
ACC_CODEC_STATUS Bit Descriptions
Bit
Name
Description
31:24
STS_ADD
Codec Status Address (Read Only). Address of the register for which status is being
returned. This address comes from slot 1 bits [19:12] of the serial input stream.
Note:
Bit 19 of slot 1 is reserved, but still observable by software.
23
PRM_RDY_STS
Primary Codec Ready (Read Only). Indicates the ready status of the primary codec
(slot 0, bit 15). Software should not access the codec or enable any bus masters until
this bit is set. This bit is cleared when the AC Link Shutdown bit is set in the Codec
Control register (ACC I/O Offset 0Ch[18]).
22
SEC_RDY_STS
Secondary Codec Ready (Read Only). Indicates the ready status of the secondary
codec (slot 0, bit 15). Software should not access the codec or enable any bus masters
until this bit is set. This bit is cleared when the AC Link Shutdown bit is set in the Codec
Control register (ACC I/O Offset 0Ch[18]).
21
SDATAIN2_EN
Enable Second Serial Data Input (AC_S_IN2) .
0: Disable.
1: Enable.
For the second serial input to function, this bit must be set. This is functionally ANDed
with the AC_S_IN2 port of the ACC. Often, it may be necessary to configure a corre-
sponding I/O pin as an input on the chip containing the ACC.
20
BM5_SEL
Audio Bus Master 5 AC97 Slot Select. Selects the serial input slot for Audio Bus Mas-
ter 5 to receive data.
0: Slot 6.
1: Slot 11.
19
BM4_SEL
Audio Bus Master 4 AC97 Slot Select. Selects slot for Audio Bus Master 4 to transmit
data.
0: Slot 6.
1: Slot 11.
18
RSVD
Reserved. Reads return 0
ACC_GPIO_CNTL Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com