Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 237 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 237 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 233Page - National Semiconductor (TI) CS5535 Datasheet HTML 234Page - National Semiconductor (TI) CS5535 Datasheet HTML 235Page - National Semiconductor (TI) CS5535 Datasheet HTML 236Page - National Semiconductor (TI) CS5535 Datasheet HTML 237Page - National Semiconductor (TI) CS5535 Datasheet HTML 238Page - National Semiconductor (TI) CS5535 Datasheet HTML 239Page - National Semiconductor (TI) CS5535 Datasheet HTML 240Page - National Semiconductor (TI) CS5535 Datasheet HTML 241Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 555 page
background image
Revision 0.8
237
www.national.com
ACC Register Descriptions (Continued)
5.3.2.2
Codec GPIO Control Register (ACC_GPIO_CNTL)
ACC_GPIO_STATUS Bit Descriptions
Bit
Name
Description
31
GPIO_EN
GPIO Enable. This bit determines if the codec GPIO pin data is sent out in slot 12 of
the serial output stream.
0: Send 0s and tag slot 12 as invalid.
1: Send GPIO pin data and tag slot valid.
30
INT_EN
Codec GPIO Interrupt Enable. Allow a codec GPIO interrupt to set the codec GPIO
interrupt flag and generate an IRQ.
0: Disable.
1: Enable.
A GPIO interrupt is defined by serial data in slot 12, bit 0
29
WU_INT_EN
Codec GPIO Wakeup Interrupt Enable. Allow a codec GPIO wakeup interrupt to set
the codec GPIO wakeup interrupt flag and generate an IRQ.
0: Disable.
1: Enable.
A codec GPIO wakeup interrupt is defined as a 0-to-1 transition of AC_S_IN or
AC_S_IN2 while the codec is powered down. This bit can only be set after the codec(s)
are powered down (See Audio Driver Power-up/down Programming Model on
page 90).
28:22
RSVD
Reserved. Reads return 0.
21
INT_FLAG
Codec GPIO Interrupt Flag (Read to Clear). If the GPIO interrupt is enabled (bit 30 =
1) then this flag is set upon a codec GPIO interrupt event (serial data in slot 12, bit 0 =
1), and an IRQ is generated.
20
WU_INT_FLAG
Codec GPIO Wakeup Interrupt Flag (Read to Clear). If the GPIO wakeup interrupt is
enabled (bit 29 = 1), then this flag is set when a GPIO wakeup interrupt occurs, and an
IRQ is generated.
19:0
PIN_STS
Codec GPIO Pin Status (Read Only). This is the GPIO pin status that is received from
the codec in slot 12 of the serial input stream. This is updated every time slot 12 of the
input stream is tagged valid.
Note:
All 20 bits of input slot 12 are visible in this register, including reserved bits
within slot 12.
ACC I/O Offset
04h
Type
R/W
Reset Value
00000000h
ACC_GPIO_CNTL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
PIN_DATA
ACC_GPIO_CNTL Bit Descriptions
Bit
Name
Description
31:20
RSVD
Reserved. Reads return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com