Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 233 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 233 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 229Page - National Semiconductor (TI) CS5535 Datasheet HTML 230Page - National Semiconductor (TI) CS5535 Datasheet HTML 231Page - National Semiconductor (TI) CS5535 Datasheet HTML 232Page - National Semiconductor (TI) CS5535 Datasheet HTML 233Page - National Semiconductor (TI) CS5535 Datasheet HTML 234Page - National Semiconductor (TI) CS5535 Datasheet HTML 235Page - National Semiconductor (TI) CS5535 Datasheet HTML 236Page - National Semiconductor (TI) CS5535 Datasheet HTML 237Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 555 page
background image
Revision 0.8
233
www.national.com
ACC Register Descriptions (Continued)
5.3.1
Standard GeodeLink Device MSRs
5.3.1.1
GeodeLink Device Capabilities MSR (ACC_GLD_MSR_CAP)
5.3.1.2
GeodeLink Device Master Configuration MSR (ACC_GLD_MSR_CONFIG)
MSR Address
51500000h
Type
RO
Reset Value
00000000_002330xxh
ACC_GLD_MSR_CAP Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
DEV_ID
REV_ID
ACC_GLD_MSR_CAP Bit Descriptions
Bit
Name
Description
63:24
RSVD
Reserved. Reads return 0.
23:8
DEV_ID
Device ID. Identifies module (2330h).
7:0
REV_ID
Revision ID. Identifies module revision. See CS5535 I/O Companion Device Errata
document for value.
MSR Address
51500001h
Type
R/W
Reset Value
00000000_0000F000h
ACC_GLD_MSR_CONFIG Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
RSVD
PRI
PID
ACC_GLD_MSR_CONFIG Bit Descriptions
Bit
Name
Description
63:20
RSVD
Reserved. Reads return 0.
19
PREFETCH_SEL
Select Flexible Prefetch Policy.
0: Fixed read prefetch policy is selected. (Default)
1: The ACC establishes prefetch policy.
18:16
FIX_PREFETCH
Fixed Read Prefetch Policy.
000: None. Each read takes a complete trip to memory.
001: Initial read 08 bytes. Read next 8 only when requested.
010: Initial read 16 bytes. Read next 16 only when requested.
011: Initial read 32 bytes. Read next 32 only when requested.
100: Initial read 32 bytes. Read next 32 when 16 bytes left.
101, 110, and 111: Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com