Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 236 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 236 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 232Page - National Semiconductor (TI) CS5535 Datasheet HTML 233Page - National Semiconductor (TI) CS5535 Datasheet HTML 234Page - National Semiconductor (TI) CS5535 Datasheet HTML 235Page - National Semiconductor (TI) CS5535 Datasheet HTML 236Page - National Semiconductor (TI) CS5535 Datasheet HTML 237Page - National Semiconductor (TI) CS5535 Datasheet HTML 238Page - National Semiconductor (TI) CS5535 Datasheet HTML 239Page - National Semiconductor (TI) CS5535 Datasheet HTML 240Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 555 page
background image
www.national.com
236
Revision 0.8
ACC Register Descriptions (Continued)
5.3.1.5
GeodeLink Device Power Management MSR (ACC_GLD_MSR_PM)
5.3.1.6
GeodeLink Device Diagnostic MSR (ACC_GLD_MSR_DIAG)
This register is reserved for internal use by National and should not be written to.
5.3.2
ACC Native Registers
5.3.2.1
Codec GPIO Status Register (ACC_GPIO_STATUS)
MSR Address
51500004h
Type
R/W
Reset Value
00000000_00000000h
ACC_GLD_MSR_PM Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD
P
MODE1
P
MODE0
ACC_GLD_MSR_PM Bit Descriptions
Bit
Name
Description
63:62
RSVD
Reserved. Reads return value written.
61:32
RSVD
Reserved. Reads return 0.
31:4
RSVD
Reserved. Reads return 0.
3:2
PMODE1
Power Mode 1. Power mode for LBus clock.
00: Disable clock gating. Clocks are always on.
01: Enable active hardware clock gating. Clock goes off whenever the LBus circuits
are not busy.
10: Reserved. 11: Reserved.
1:0
PMODE0
Power Mode 0. Power mode for GLIU clock
00: Disable clock gating. Clocks are always on.
01: Enable active hardware clock gating. Clock goes off whenever the GLIU circuits
are not busy.
10: Reserved. 11: Reserved.
MSR Address
51500005h
Type
R/W
Reset Value
00000000_00000000h
ACC I/O Offset
00h
Type
R/W
Reset Value
00000000h
ACC_GPIO_STATUS Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
PIN_STS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com