Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 240 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 240 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 236Page - National Semiconductor (TI) CS5535 Datasheet HTML 237Page - National Semiconductor (TI) CS5535 Datasheet HTML 238Page - National Semiconductor (TI) CS5535 Datasheet HTML 239Page - National Semiconductor (TI) CS5535 Datasheet HTML 240Page - National Semiconductor (TI) CS5535 Datasheet HTML 241Page - National Semiconductor (TI) CS5535 Datasheet HTML 242Page - National Semiconductor (TI) CS5535 Datasheet HTML 243Page - National Semiconductor (TI) CS5535 Datasheet HTML 244Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 555 page
background image
www.national.com
240
Revision 0.8
ACC Register Descriptions (Continued)
21
PD_PRIM
Power-down Semaphore for Primary Codec. This bit is used by software in conjunc-
tion with bit 20 to coordinate the power-down of the two codecs. This bit is intended to
be set by the audio driver to indicate to the modem driver that the audio codec has
been prepared for power-down. Internally it does not control anything, and is simply a
memory bit.
20
PD_SEC
Power-down Semaphore for Secondary Codec. This bit is used by software in con-
junction with bit 21 to coordinate the power-down of the two codecs. This bit is intended
to be set by the modem driver to indicate to the audio driver that the modem codec has
been prepared for power-down. Internally it does not control anything, and is simply a
memory bit.
19
RSVD
Reserved. Reads return 0.
18
LNK_SHTDWN
AC Link Shutdown. Informs the Controller that the AC Link is being shutdown.
This bit should be set at the same time that the codec power-down command is issued
to the codec.
Setting this bit also clears both Codec Ready bits in the Codec Status register (ACC I/O
Offset 08h[23:22]).
Issuing a warm reset via bit 17 clears this bit.
If the codec has been powered off and back on, a warm reset is unnecessary, this bit
should be cleared manually.
17
LNK_WRM_RST
AC Link Warm Reset. Setting this bit initiates the AC Link/codec warm reset process.
It is automatically cleared by hardware once the serial bit clock resumes. This should
only be set when the codec(s) are powered down. Once set, software should then wait
for "Codec Ready" before accessing the codec.
16
CMD_NEW
Codec Command New. Indicates if the codec command in bits [31:22] (and [15:0] for
writes) is new.
0: Not new.
1: New.
This bit is to be set by software when a new command is loaded. It is cleared by hard-
ware when the command is sent to the codec. Software must wait for this bit to clear
before loading another command.
This bit can not be cleared by software. When the CODEC_CNTL register is written by
software with bit 16 cleared, then bits [31:22] and [15:0] are unaffected. Thus, bit 16 is
an "enable" allowing bits [31:22] and [15:0] to be changed.
15:0
CMD_DATA
Codec Command Data. This is the command data being sent to the codec in slot 2,
bits [19:12] of the serial output stream. This is used for writing data into one of the reg-
isters in the AC97 codec. The contents are only sent to the codec for write commands
(bit [31] = 0). For reads slot 2, bits[19:12] are stuffed with 0s.
ACC_CODEC_CNTL Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com