Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 243 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 243 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 239Page - National Semiconductor (TI) CS5535 Datasheet HTML 240Page - National Semiconductor (TI) CS5535 Datasheet HTML 241Page - National Semiconductor (TI) CS5535 Datasheet HTML 242Page - National Semiconductor (TI) CS5535 Datasheet HTML 243Page - National Semiconductor (TI) CS5535 Datasheet HTML 244Page - National Semiconductor (TI) CS5535 Datasheet HTML 245Page - National Semiconductor (TI) CS5535 Datasheet HTML 246Page - National Semiconductor (TI) CS5535 Datasheet HTML 247Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 555 page
background image
Revision 0.8
243
www.national.com
ACC Register Descriptions (Continued)
5.3.2.7
Audio Bus Master 0-7 Command Registers (ACC_BM[x]_CMD)
Bus Master 0 Command (ACC_BM0_CMD)
Bus Master 1 Command (ACC_BM1_CMD)
Bus Master 2 Command (ACC_BM2_CMD)
Bus Master 3 Command (ACC_BM3_CMD)
Bus Master 4 Command (ACC_BM4_CMD)
Bus Master 5 Command (ACC_BM5_CMD)
Bus Master 6 Command (ACC_BM6_CMD)
Bus Master 7 Command (ACC_BM7_CMD)
ACC I/O Offset
20h
Type
R/W
Reset Value
00h
ACC I/O Offset
28h
Type
R/W
Reset Value
08h
ACC I/O Offset
30h
Type
R/W
Reset Value
00h
ACC I/O Offset
38h
Type
R/W
Reset Value
08h
ACC I/O Offset
40h
Type
R/W
Reset Value
00h
ACC I/O Offset
48h
Type
R/W
Reset Value
08h
ACC I/O Offset
50h
Type
R/W
Reset Value
00h
ACC I/O Offset
58h
Type
R/W
Reset Value
00h
ACC_BM[x]_CMD Register Map
76
54
32
10
RSVD
RW
BYTE_ORD
BM_CTL
ACC_BM[x]_CMD Bit Descriptions
Bit
Name
Description
7:4
RSVD
Reserved. Reads return 0
3RW (RO)
Read or Write (Read Only). Indicates the transfer direction of the audio bus master.
This bit always reads 0 for BM [0,2,4,6,7].
This bit always reads 1 for BM[1,3,5].
0: Memory to codec.
1: Codec to memory.
2
BYTE_ORD
Byte-Order. Sets the byte order for 16-bit samples that this bus master uses.
0: Little Endian (Intel) byte-order (LSBs at lower address).
1: Big Endian (Motorola) byte-order (MSBs at lower address).
1:0
BM_CTL
Bus Master Pause/Enable Control. Enables, disables, or pauses the bus master.
00: Disable bus master.
01: Enable bus master.
10: Reserved.
11: Pause bus master (if currently enabled) or do nothing (if currently disabled).
When the bus master is enabled by writing 01, the bus master starts up by using the
address in its associated PRD Table Address Register. Writing 00 while the bus master
is enabled causes the bus master to stop immediately. Upon resuming the bus master
uses the address in its PRD Table Address Register. The PRD Table Address Register
must be re-initialized by software before enabling the bus master, or there is a risk that
the bus master may overstep the bounds of the PRD Table.
Note:
When the bus master reaches a PRD with the EOT bit set, these bits are set to
00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com