Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 244 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 244 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 240Page - National Semiconductor (TI) CS5535 Datasheet HTML 241Page - National Semiconductor (TI) CS5535 Datasheet HTML 242Page - National Semiconductor (TI) CS5535 Datasheet HTML 243Page - National Semiconductor (TI) CS5535 Datasheet HTML 244Page - National Semiconductor (TI) CS5535 Datasheet HTML 245Page - National Semiconductor (TI) CS5535 Datasheet HTML 246Page - National Semiconductor (TI) CS5535 Datasheet HTML 247Page - National Semiconductor (TI) CS5535 Datasheet HTML 248Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 555 page
background image
www.national.com
244
Revision 0.8
ACC Register Descriptions (Continued)
5.3.2.8
Audio Bus Master 0-7 IRQ Status Registers (ACC_BM[x]_STATUS)
Bus Master 0 IRQ Status (ACC_BM0_STATUS)
Bus Master 1 IRQ Status (ACC_BM1_STATUS)
Bus Master 2 IRQ Status (ACC_BM2_STATUS)
Bus Master 3 IRQ Status (ACC_BM3_STATUS)
Bus Master 4 IRQ Status (ACC_BM4_STATUS)
Bus Master 5 IRQ Status (ACC_BM5_STATUS)
Bus Master 6 IRQ Status (ACC_BM6_STATUS)
Bus Master 7 IRQ Status (ACC_BM7_STATUS)
ACC I/O Offset
21h
Type
RC
Reset Value
00h
ACC I/O Offset
29h
Type
RC
Reset Value
00h
ACC I/O Offset
31h
Type
RC
Reset Value
00h
ACC I/O Offset
39h
Type
RC
Reset Value
00h
ACC I/O Offset
41h
Type
RC
Reset Value
00h
ACC I/O Offset
49h
Type
RC
Reset Value
00h
ACC I/O Offset
51h
Type
RC
Reset Value
00h
ACC I/O Offset
59h
Type
RC
Reset Value
00h
ACC_BM[x]_STATUS Register Map
76
54
32
10
RSVD
BM_EOP_ERR
EOP
ACC_BM[x]_STATUS Bit Descriptions
Bit
Name
Description
7:2
RSVD
Reserved. Reads return 0
1
BM_EOP_ERR
Bus Master Error. If this bit is set, it indicates that hardware encountered a second
EOP before software cleared the first EOP.
If hardware encounters a second EOP (end of page) before software clears the first
EOP, it causes the bus master to pause until this register is read to clear the error. Read
to clear.
0EOP
End of Page. If this bit is set, it indicates the bus master transferred data that is marked
by the EOP bit in the PRD table (bit 30). Read to clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com