Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 235 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 235 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 231Page - National Semiconductor (TI) CS5535 Datasheet HTML 232Page - National Semiconductor (TI) CS5535 Datasheet HTML 233Page - National Semiconductor (TI) CS5535 Datasheet HTML 234Page - National Semiconductor (TI) CS5535 Datasheet HTML 235Page - National Semiconductor (TI) CS5535 Datasheet HTML 236Page - National Semiconductor (TI) CS5535 Datasheet HTML 237Page - National Semiconductor (TI) CS5535 Datasheet HTML 238Page - National Semiconductor (TI) CS5535 Datasheet HTML 239Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 555 page
background image
Revision 0.8
235
www.national.com
ACC Register Descriptions (Continued)
5.3.1.4
GeodeLink Device Error MSR (ACC_GLD_MSR_ERROR)
The flags are set by internal conditions. The internal conditions are enabled if the EN bit is 1. Reading the FLAG bit returns
the value; writing 1 clears the flag; writing 0 has no effect. (See Section 3.8.3 "MSR Address 2: SMI Control" on page 67 for
further details.)
0
IRQ_SSMI_EN
IRQ SSMI Enable. Write 1 to enable IRQ_SSMI_FLAG (bit 32) and to allow the event
to generate an SSMI.
MSR Address
51500003h
Type
R/W
Reset Value
00000000_00000000h
ACC_GLD_MSR_ERROR Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
ACC_GLD_MSR_ERROR Bit Descriptions
Bit
Name
Description
63:33
RSVD
Reserved. Reads return 0.
32
UNEXP_TYPE_
ERR_FLAG
Unexpected Type Error Flag. If high, records that an ERR was generated due to
either an unexpected type event or a master response packet with the EXCEP bit set
has been received. Write 1 to clear; writing 0 has no effect. UNEXP_TYPE_ERR_EN
(bit 1) must be set to enable this event and set flag.
31:1
RSVD
Reserved. Reads return 0.
0
UNEXP_TYPE_
ERR_EN
Unexpected Type Error Enable. Write 1 to enable UNEXP_TYPE_ERR_FLAG (bit
32) and to allow the event to generate an ERR.
ACC_GLD_MSR_SMI Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com