Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 252 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 252 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 248Page - National Semiconductor (TI) CS5535 Datasheet HTML 249Page - National Semiconductor (TI) CS5535 Datasheet HTML 250Page - National Semiconductor (TI) CS5535 Datasheet HTML 251Page - National Semiconductor (TI) CS5535 Datasheet HTML 252Page - National Semiconductor (TI) CS5535 Datasheet HTML 253Page - National Semiconductor (TI) CS5535 Datasheet HTML 254Page - National Semiconductor (TI) CS5535 Datasheet HTML 255Page - National Semiconductor (TI) CS5535 Datasheet HTML 256Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 555 page
background image
www.national.com
252
Revision 0.8
ATAC Register Descriptions (Continued)
5.4.1.5
GeodeLink Device Power Management MSR (ATAC_GLD_MSR_PM)
32
UNEXP_TYPE_
ERR_FLAG
Unexpected Type Error Flag. If high, records that ERR was generated and the GLCP
master error signal was asserted due to an unexpected type occurring. Write 1 to clear;
writing 0 has no effect. UNEXP_TYPE_ERR_FLAG (bit 0) must be high to generate
ERR, set flag, and assert the GLCP master error signal. Once clear, the GLCP master
error signal is de-asserted.
31:9
RSVD
Reserved. Write as read.
8BLOCKIO
IDE Device Register I/O in DMA Blocked. When this bit is set, and if
IDE_PIO_SSMI_EN (MSR 51300002h[0]) is 0 and if IDE_PIO_ERR_EN (bit 4) is 0,
ignore all PIO writes during DMA, return 80h on all PIO reads during DMA. Neither the
GLCP master error signal nor an SSMI will be asserted.
When this bit is clear, IDE device register I/O during DMA will not be blocked.
7:5
RSVD
Reserved. Write as read.
4IDE_PIO_
ERR_EN
IDE PIO Error Enable. Write 1 to enable IDE_PIO_ERR_FLAG (bit 36) and to allow a
PIO access during a DMA command event to generate an ERR.
3
RESP_EXCEP_
ERR_EN
Response Exception Enable. Write 1 to enable RESP_EXCEP_ERR_FLAG (bit 35)
and to allow when the EXCEP bit is set in the response packet to generate an ERR.
2
SSMI_ERR_EN
Uncleared SSMI Enable. Write 1 to enable SSMI_ERR_FLAG (bit 34) and to the allow
an uncleared SSMI to generate an ERR.
1
BLOCKIO_SSMI_
EN
SSMI on I/O write Enable. Write 1 to enable BLOCKIO_SSMI_FLAG (bit 33) and to
allow generation of an SSMI when I/O writes during DMA with BLOCKIO (bit 8) set
occur.
0
UNEXP_TYPE_
ERR_FLAG
Unexpected Type Enable. Write 1 to enable UNEXP_TYPE_ERR_FLAG (bit 32) and
to the allow an unexpected type occurring to generate an ERR.
MSR Address
51300004h
Type
R/W
Reset Value
00000000_00000000h
ATAC_GLD_MSR_PM Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
IO
MODEA
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD
P
MODE1
P
MODE0
ATAC_GLD_MSR_PM Bit Descriptions
Bit
Name
Description
63:50
RSVD
Reserved. Returns 0 on read.
ATAC_GLD_MSR_ERROR Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com