Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 256 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 256 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 252Page - National Semiconductor (TI) CS5535 Datasheet HTML 253Page - National Semiconductor (TI) CS5535 Datasheet HTML 254Page - National Semiconductor (TI) CS5535 Datasheet HTML 255Page - National Semiconductor (TI) CS5535 Datasheet HTML 256Page - National Semiconductor (TI) CS5535 Datasheet HTML 257Page - National Semiconductor (TI) CS5535 Datasheet HTML 258Page - National Semiconductor (TI) CS5535 Datasheet HTML 259Page - National Semiconductor (TI) CS5535 Datasheet HTML 260Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 555 page
background image
www.national.com
256
Revision 0.8
ATAC Register Descriptions (Continued)
5.4.2.4
Channel 0 Drive 0 DMA (ATAC_CH0D0_DMA)
If MSR 50302021h[31] = 1, Format 1. Allows independent control of command and data.
Format 1 settings for:
PIO Mode 0 = F7F4F7F4h
PIO Mode 1 = 53F3F173h
PIO Mode 2 = 13F18141h
PIO Mode 3 = 51315131h
PIO Mode 4 = 11311131h
31:28
t2IC
Command Cycle Recovery Time. Value + 1 cycle.
27:24
t3C
Command Cycle IDE_IOW# Data Setup. Value + 1 cycle.
23:20
t2WC
Command Cycle IDE_IOW# Pulse Width Minus t3. Value + 1 cycle.
19:16
t1C
Command Cycle Address Setup Time. Value + 1 cycle.
15:12
t2ID
Data Cycle Recovery Time. Value + 1 cycle.
11:8
t3D
Data Cycle IDE_IOW# Data Setup. Value + 1 cycle.
7:4
t2WD
Data Cycle IDE_IOW# Pulse Width Minus t3. Value + 1 cycle.
3:0
t1D
Data Cycle Address Setup Time. Value + 1 cycle.
Note:
Register settings described as “Value + n cycle(s)” will produce timings for the indicated parameter as measured
in 66 MHz clock cycles. The ‘value’ that is entered is the desired number of 66 MHz clock cycles in hexadecimal;
the actual parameter timing generated by that entry is the entered ‘value’ plus the indicated number of ‘cycles’
(‘n’) as listed in the description of that parameter.
MSR Address
51300021h
Type
R/W
Reset Value
00000000_00077771h
ATAC_CH0D0_DMA Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
MODE66_SEL
RSVD
tKR
tDR
tKW
tDW
tM
MODE66_SEL
RSVD
tCRC
tSS
tCYC
tRP
tACK
ATAC_CH0D0_PIO Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com