Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 257 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 257 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 253Page - National Semiconductor (TI) CS5535 Datasheet HTML 254Page - National Semiconductor (TI) CS5535 Datasheet HTML 255Page - National Semiconductor (TI) CS5535 Datasheet HTML 256Page - National Semiconductor (TI) CS5535 Datasheet HTML 257Page - National Semiconductor (TI) CS5535 Datasheet HTML 258Page - National Semiconductor (TI) CS5535 Datasheet HTML 259Page - National Semiconductor (TI) CS5535 Datasheet HTML 260Page - National Semiconductor (TI) CS5535 Datasheet HTML 261Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 555 page
background image
Revision 0.8
257
www.national.com
ATAC Register Descriptions (Continued)
ATAC_CH0D0_DMA Bit Descriptions
Bit
Name
Description
63:32
RSVD
Reserved. Set to 0.
If bit 20 = 0, Multi-word DMA.
Settings for:
Multi-word DMA Mode 0 = 7F0FFFF3h
Multi-word DMA Mode 1 = 7F035352h
Multi-word DMA Mode 2 = 7F024241h
31
PIO_FORM
PIO Mode Format.
0: Format 0.
1: Format 1.
30:24
MODE66_SEL
Mode 66 Select: Set to 7Fh for 66 MHz system clock.
23:21
RSVD
Reserved. Set to 0.
20
DMA_SEL
DMA Select. DMA operation.
0: Multi-word DMA.
1: Ultra DMA.
19:16
tKR
IDE_IOR# Recovery Time (4-bit). Value + 1 cycle.
15:12
tDR
IDE_IOR# Pulse Width. Value + 1 cycle.
11:8
tKW
IDE_IOW# Recovery Time (4-bit). Value + 1 cycle.
7:4
tDW
IDE_IOW# Pulse Width. Value + 1 cycle.
3:0
tM
IDE_CS0#/CS1# to IDE_IOR#/IOW# Setup; IDE_CS0#/CS1# Setup to
IDE_DACK0#/DACK1#.
If bit 20 = 1, Ultra DMA.
Settings for:
Ultra DMA Mode 0 = 7F7436A1h
Ultra DMA Mode 1 = 7F733481h
Ultra DMA Mode 2 = 7F723261h
Ultra DMA Mode 3 = 7F713161h
Ultra DMA Mode 4 = 7F703061h
31
PIO_FORM
PIO Mode Format.
0: Format 0.
1: Format 1.
30:24
MODE66_SEL
Mode 66 Select: Set to 7Fh for 66 MHz system clock.
23:21
RSVD
Reserved. Set to 011. Will read back as 011.
20
DMA_SEL
DMA Select. DMA operation.
0: Multi-word DMA.
1: Ultra DMA.
19:16
tCRC
CRC Setup UDMA in IDE_DACK#. Value + 1 cycle (for host terminate CRC setup =
tMLI + tSS).
15:12
tSS
UDMA Out. Value + 1 cycle.
11:8
tCYC
Data Setup and Cycle Time UDMA Out. Value + 2 cycles.
7:4
tRP
Ready to Pause Time. Value + 1 cycle.
Note:
tRFS + 1 tRP on next clock.
3:0
tACK
IDE_CS0#/CS1# Setup to IDE_DACK0#/DACK1#. Value + 1 cycle.
Note:
Register settings described as “Value + n cycle(s)” produce timings for the indicated parameter as measured in
66 MHz clock cycles. The ‘value’ that is entered is the desired number of 66 MHz clock cycles in hexadecimal;
the actual parameter timing generated by that entry is the entered ‘value’ plus the indicated number of ‘cycles’
(‘n’) as listed in the description of that parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com