Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 269 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 269 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 265Page - National Semiconductor (TI) CS5535 Datasheet HTML 266Page - National Semiconductor (TI) CS5535 Datasheet HTML 267Page - National Semiconductor (TI) CS5535 Datasheet HTML 268Page - National Semiconductor (TI) CS5535 Datasheet HTML 269Page - National Semiconductor (TI) CS5535 Datasheet HTML 270Page - National Semiconductor (TI) CS5535 Datasheet HTML 271Page - National Semiconductor (TI) CS5535 Datasheet HTML 272Page - National Semiconductor (TI) CS5535 Datasheet HTML 273Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 555 page
background image
Revision 0.8
269
www.national.com
USB Register Descriptions (Continued)
5.5.1.6
GeodeLink Device Diagnostic MSR (USBC_GLD_MSR_DIAG)
This register is reserved for internal use by National and should not be written to.
5.5.2
USB Specific MSRs
5.5.2.1
USB Transceiver Control (USBC_XCVR_CNTRL)
3:2
PMODE1
Power Mode 1. Controls clock behavior for the USB PCI Adapter
00: Disable clock gating. Clocks are always on.
01: Enable active hardware clock gating. Clock goes off whenever this module’s circuits
are not busy.
10: Reserved.
11: Reserved.
1:0
PMODE0
Power Mode 0. Controls clock behavior for the USB GeodeLink Adapter
00: Disable clock gating. Clocks are always on.
01: Enable active hardware clock gating. Clock goes off whenever this module’s circuits
are not busy.
10: Reserved.
11: Reserved.
MSR Address
USBC1: 51600005h
USBC2: 51200005h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
USBC1: 51600008h
USBC2: 51200008h
Type
R/W
Reset Value
00000000_00020100h
USBC_GLD_MSR_PM Bit Descriptions
Bit
Name
Description
USBC_XCVR_CNTRL Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD
RCVR2
_VADJ
XMIT2_CADJ
RCVR1
_VADJ
XMIT1_CADJ
USBC_XCVR Bit Description
Bit
Name
Description
63:18
RSVD
Reserved. Read as 0.
17
XCEIV2_PM
Transceiver 2 Power Management Bit. Disables transceiver #2 and puts the trans-
ceiver in a low power state.
0: Enable transceiver.
1: Disable transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com