Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 290 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 290 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 286Page - National Semiconductor (TI) CS5535 Datasheet HTML 287Page - National Semiconductor (TI) CS5535 Datasheet HTML 288Page - National Semiconductor (TI) CS5535 Datasheet HTML 289Page - National Semiconductor (TI) CS5535 Datasheet HTML 290Page - National Semiconductor (TI) CS5535 Datasheet HTML 291Page - National Semiconductor (TI) CS5535 Datasheet HTML 292Page - National Semiconductor (TI) CS5535 Datasheet HTML 293Page - National Semiconductor (TI) CS5535 Datasheet HTML 294Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 555 page
background image
www.national.com
290
Revision 0.8
USB Register Descriptions (Continued)
5.5.4.22
Host Controller Root Hub Port Status 1 (USBC_HcRhPortStatus[1])
This register is reset by the UsbReset state.
Note: There must be a Device Connect detected by the host to be able to set other bits.
USBC_HcRhStatus Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
RSVD
USBC_HcRhStatus Bit Descriptions
Bit
Name
HCD
HC
Description
31
ClearRemote
WakeupEnable
WO
RO
Clear Remote Wakeup Enable. Writing a 1 to this bit clears
DeviceRemoteWakeupEnable. Writing a 0 has no effect.
30:18
RSVD
R/W
R/W
Reserved. Read/write 0s.
17
OverCurrent
IndicatorChange
R/W
R/W
Over Current Indicator Change. This bit is set when OverCur-
rentIndicator changes. Writing a 1 clears this bit. Writing a 0 has
no effect.
16
Dual Function
R/W
RO
Read: Local Power Status Change. Not supported. Always
read 0.
Write: Set Global Power. Write a 1 issues a SetGlobalPower
command to the ports. Writing a 0 has no effect.
15
Dual Function
R/W
RO
Read: Device Remote Wakeup Enable. This bit enables ports'
ConnectStatusChange as a remote wakeup event.
0: Disabled.
1: Enabled.
Write: Set Remote Wakeup Enable. Writing a 1 sets DeviceRe-
moteWakeupEnable. Writing a 0 has no effect.
14:2
RSVD
R/W
R/W
Reserved. Read/write 0s.
1
OverCurrent
Indicator
RR/W
Over Current Indicator. This bit reflects the state of the OVR-
CUR pin. This field is only valid if NoOverCurrentProtection and
OverCurrentProtectionMode are cleared.
0: No over-current condition.
1: Over-current condition.
0
Dual Function
R/W
RO
Read: Local Power Status. Not Supported. Always read 0.
Write: Clear Global Power. Writing a 1 issues a ClearGlo-
balPower command to the ports. Writing a 0 has no effect.
USB Memory Offset
54h
Type
HCD:
HC:
R/W
R/W
Reset Value
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com