Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 294 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 294 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 290Page - National Semiconductor (TI) CS5535 Datasheet HTML 291Page - National Semiconductor (TI) CS5535 Datasheet HTML 292Page - National Semiconductor (TI) CS5535 Datasheet HTML 293Page - National Semiconductor (TI) CS5535 Datasheet HTML 294Page - National Semiconductor (TI) CS5535 Datasheet HTML 295Page - National Semiconductor (TI) CS5535 Datasheet HTML 296Page - National Semiconductor (TI) CS5535 Datasheet HTML 297Page - National Semiconductor (TI) CS5535 Datasheet HTML 298Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 555 page
background image
www.national.com
294
Revision 0.8
USB Register Descriptions (Continued)
8
Dual Function
R/W
R/W
Read: Port Power Status. This bit reflects the power state of the
port regardless of the power switching mode.
0: Port power is off.
1: Port power is on.
Note:
If NoPowerSwitching is set, this bit is always read as 1.
Write: Set Port Power. Writing a 1 sets PortPowerStatus. Writing
a 0 has no effect.
7:5
RSVD
R/W
R/W
Reserved. Read/write 0s.
4
Dual Function
R/W
R/W
Read: Port Reset Status.
0: Port reset signal is not active.
1: Port reset signal is active.
Write: Set Port Reset. Writing a 1 sets PortResetStatus. Writing
a 0 has no effect.
3
Dual Function
R/W
R/W
Read: Port Over Current Indicator. This bit reflects the state of
the OVRCUR pin dedicated to this port. This field is only valid if
NoOverCurrentProtection is cleared and OverCurrentProtection-
Mode is set.
0: No over-current condition.
1: Over-current condition.
Write: Clear Port Suspend. Writing a 1 initiates the selective
resume sequence for the port. Writing a 0 has no effect.
2
Dual Function
R/W
R/W
Read: Port Suspend Status.
0: Port is not suspended.
1: Port is selectively suspended.
Write: Set Port Suspend. Writing a 1 sets PortSuspendStatus.
Writing a 0 has no effect.
1
Dual Function
R/W
R/W
Read: Port Enable Status.
0: Port disabled.
1: Port enabled.
Write: Set Port Enable. Writing a 1 sets PortEnableStatus. Writ-
ing a 0 has no effect.
0
Dual Function
R/W
R/W
Read: Current Connect Status.
0: No device connected.
1: Device connected.
If DeviceRemoveable is set (not removable) this bit is always 1.
Write: Clear Port Enable. Writing 1 a clears PortEnableStatus.
Writing a 0 has no effect.
USBC_HcRhPortStatus[2] Bit Descriptions (Continued)
Bit
Name
HCD
HC
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com