Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 298 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 298 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 294Page - National Semiconductor (TI) CS5535 Datasheet HTML 295Page - National Semiconductor (TI) CS5535 Datasheet HTML 296Page - National Semiconductor (TI) CS5535 Datasheet HTML 297Page - National Semiconductor (TI) CS5535 Datasheet HTML 298Page - National Semiconductor (TI) CS5535 Datasheet HTML 299Page - National Semiconductor (TI) CS5535 Datasheet HTML 300Page - National Semiconductor (TI) CS5535 Datasheet HTML 301Page - National Semiconductor (TI) CS5535 Datasheet HTML 302Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 555 page
background image
www.national.com
298
Revision 0.8
DIVIL Register Descriptions (Continued)
51400036h
RO
PIT Shadow (PIT_SHDW)
00h
Page 324
(PIT spec)
51400037h
R/W
PIT Count Enable (PIT_CNTRL)
03h
Page 324
(PIT spec)
51400038h
R/W
UART1 Primary Dongle and Modem Interface
(UART[1]_MOD)
0xh
Page 363
(UART spec)
51400039h
R/W
UART1 Secondary Dongle and Status
(UART[1]_DONG)
xxh
Page 364
(UART spec)
5140003Ah
R/W
UART1 Interface Configuration (UART[1]_CONF)
42h
Page 365
(UART spec)
5140003Bh
R/W
UART1 Reserved MSR (UART1_RSVD_MSR) -
Reads return 1; writes have no effect.
11h
---
5140003Ch
R/W
UART2 Primary Dongle and Modem Interface
(UART[2]_MOD)
0xh
Page 363
(UART spec)
5140003Dh
R/W
UART2 Secondary Dongle and Status
(UART[2]_DONG)
xxh
Page 364
(UART spec)
5140003Eh
R/W
UART2 Interface Configuration (UART[2]_CONF)
42h
Page 365
(UART spec)
5140003Fh
R/W
UART2 Reserved MSR (UART2_RSVD_MSR) -
Reads return 1; writes have no effect.
11h
---
51400040h
R/W
DMA Mapper (DMA_MAP)
0000h
Page 403
(DMA spec)
51400041h
RO
DMA Shadow Channel 0 Mode
(DMA_SHDW_CH0)
00xxh
Page 404
(DMA spec)
51400042
RO
DMA Shadow Channel 1 Mode
(DMA_SHDW_CH1)
00xxh
Page 404
(DMA spec)
51400043
RO
DMA Shadow Channel 2 Mode
(DMA_SHDW_CH2)
00xxh
Page 404
(DMA spec)
51400044
RO
DMA Shadow Channel 3 Mode
(DMA_SHDW_CH3)
00xxh
Page 404
(DMA spec)
51400045h
RO
DMA Shadow Channel 4 Mode
(DMA_SHDW_CH4]
00xxh
Page 404
(DMA spec)
51400046h
RO
DMA Shadow Channel 5 Mode
(DMA_SHDW_CH5)
00xxh
Page 404
(DMA spec)
51400047h
RO
DMA Shadow Channel 6 Mode
(DMA_SHDW_CH6)
00xxh
Page 404
(DMA spec)
51400048h
RO
DMA Shadow Channel 7 Mode
(DMA_SHDW_CH7)
00xxh
Page 404
(DMA spec)
51400049h
RO
DMA Shadow Mask (DMA_MSK_SHDW)
00FFh
Page 405
(DMA spec)
5140024Ah
R/W
Reserved MSR (RSVD_MSR) - Reads return 1;
writes have no effect.
11h
---
5140024Bh
R/W
Reserved MSR (RSVD_MSR) - Reads return 1;
writes have no effect.
11h
---
5140004Ch
RO
LPC Address Error (LPC_EADDR)
00000000h
Page 419
(LPC spec)
Table 5-18. DIVIL Specific MSRs Summary (Continued)
MSR
Address
Type
Register Name
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com