Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 330 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 330 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 326Page - National Semiconductor (TI) CS5535 Datasheet HTML 327Page - National Semiconductor (TI) CS5535 Datasheet HTML 328Page - National Semiconductor (TI) CS5535 Datasheet HTML 329Page - National Semiconductor (TI) CS5535 Datasheet HTML 330Page - National Semiconductor (TI) CS5535 Datasheet HTML 331Page - National Semiconductor (TI) CS5535 Datasheet HTML 332Page - National Semiconductor (TI) CS5535 Datasheet HTML 333Page - National Semiconductor (TI) CS5535 Datasheet HTML 334Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 555 page
background image
www.national.com
330
Revision 0.8
PIT Register Descriptions (Continued)
5.8.2.8
Port B Control (PIT_PORTBCTL)
I/O Address
61h
Type
R/W
Reset Value
00h
PIT_PORTBCTL Register Map
76
54
32
10
RSVD
OUT2_STS
TOGGLE
RSVD
PIT_CNTR2_
SPKR
PIT_CNTR2_
EN
PIT_PORTBCTL Bit Descriptions
Bit
Name
Description
7:6
RSVD
Reserved. Read 0. Write “don’t care”.
5
OUT2_STS (RO)
PIT Counter 2 Out State (Read Only). This bit reflects the current status of the PIT
Counter 2 output (OUT2). Write “don’t care”.
4
TOGGLE (RO)
Toggle (Read Only). This bit toggles on every falling edge of Counter 1 output (OUT1).
Write “don’t care”.
3:2
RSVD
Reserved. Read 0. Write “don’t care”.
1PIT_CNTR2_
SPKR
PIT Counter 2 (Speaker).
0: Forces speaker output to 0.
1: Allows Counter 2 output (OUT2) to pass to the speaker (i.e., the AC_BEEP signal; a
mux option on GPIO1).
0PIT_CNTR2_EN
PIT Counter 2 Enable.
0: Sets GATE2 input low.
1: Sets GATE2 input high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com