Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 331 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 331 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 327Page - National Semiconductor (TI) CS5535 Datasheet HTML 328Page - National Semiconductor (TI) CS5535 Datasheet HTML 329Page - National Semiconductor (TI) CS5535 Datasheet HTML 330Page - National Semiconductor (TI) CS5535 Datasheet HTML 331Page - National Semiconductor (TI) CS5535 Datasheet HTML 332Page - National Semiconductor (TI) CS5535 Datasheet HTML 333Page - National Semiconductor (TI) CS5535 Datasheet HTML 334Page - National Semiconductor (TI) CS5535 Datasheet HTML 335Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 555 page
background image
Revision 0.8
331
www.national.com
5.9
PROGRAMMABLE INTERRUPT CONTROLLER REGISTER DESCRIPTIONS
The registers for the Programmable Interrupt Controller
(PIC) are divided into three sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 on page 299.)
• PIC Specific MSRs
• PIC Native Registers
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
All MSRs are 64 bits, however, the PIC Specific MSRs are
called out as 32 and 8 bits. The PIC treats writes to the
upper 32/56 bits (i.e., bits [63:32/63:8]) of the 64-bit MSRs
as don’t cares and always returns 0 on these bits.
The PIC Specific MSRs are also accessible in I/O space
via
MSR_LBAR_IRQ
(MSR
51400008h),
except
for
MSR_PIC_SHDW (MSR 51400034h
). See Section 5.6.2.1
"Local BAR - IRQ Mapper (DIVIL_LBAR_IRQ)" on page
307.
The Native registers associated with the PIC are summa-
rized in Table 5-23 on page 332 and are accessed as I/O
Addresses.
The reference column in the summary tables point to the
page where the register maps and bit descriptions are
listed.
Table 5-22. PIC Specific MSRs Summary
MSR Address
PIC I/O
Offset
Type
Register Name
Reset Value
Reference
51400020h
00h
R/W
IRQ Mapper Unrestricted Y Select Low
(PIC_YSEL_LOW)
00000000h
Page 333
51400021h
04h
R/W
IRQ Mapper Unrestricted Y Select High
(PIC_YSEL_HIGH)
00000000h
Page 334
51400022h
08h
R/W
IRQ Mapper Unrestricted Z Select Low
(PIC_ZSEL_LOW)
00000000h
Page 333
51400023h
0Ch
R/W
IRQ Mapper Unrestricted Z Select High
(PIC_ZSEL_HIGH)
00000000h
Page 334
51400024h
10h
R/W
IRQ Mapper Primary Mask (PIC_IRQM_PRIM)
0000FFFFh
Page 334
51400025h
14h
R/W
IRQ Mapper LPC Mask (PIC_IRQM_LPC)
00000000h
Page 335
51400026h
18h
RO
IRQ Mapper Extended Interrupt Request Status
Low (PIC_XIRR_STS_LOW)
xxxxxxxxh
Page 335
51400027h
1Ch
RO
IRQ Mapper Extended Interrupt Request Status
High (PIC_XIRR_STS_HIGH)
xxxxxxxxh
Page 337
51400034h
---
RO
PIC Shadow (PIC_SHDW)
xxh
Page 338



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com