Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 340 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 340 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 336Page - National Semiconductor (TI) CS5535 Datasheet HTML 337Page - National Semiconductor (TI) CS5535 Datasheet HTML 338Page - National Semiconductor (TI) CS5535 Datasheet HTML 339Page - National Semiconductor (TI) CS5535 Datasheet HTML 340Page - National Semiconductor (TI) CS5535 Datasheet HTML 341Page - National Semiconductor (TI) CS5535 Datasheet HTML 342Page - National Semiconductor (TI) CS5535 Datasheet HTML 343Page - National Semiconductor (TI) CS5535 Datasheet HTML 344Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 555 page
background image
www.national.com
340
Revision 0.8
PIC Register Descriptions (Continued)
Reading from the Even Address
(Operation Mode only: the initialization sequence does not involve reading.)
Reads from this address are generally for special or diagnostic purposes. The read must be preceded by writing a com-
mand to OCW3 (above), to select an internal register to read. This will be one of:
• Register IRR: Interrupt Request Register
• Register ISR: In-Service Register
(Another register, "POLL", historically part of the PIC architecture, is not provided in the CS5535.)
Following that command, the read here will return the requested value.
Reading from the Odd Address
(Operation Mode only: the Initialization sequence does not involve reading.)
Always reads from the Interrupt Mask Register: OCW1.
Associated External Registers
Two additional registers, outside the addresses of the PICs themselves, have been added in South Bridge products to allow
individual control of which IRQs are level sensitive vs. edge sensitive. These registers are:
These are directly addressable for read or write at any time.
5.9.2.2
Initialization Command Word 1 (PIC_ICW1)
Name
I/O Address
IRQs Controlled
INT_SEL1
04D0h
IRQ1, IRQ3-7
INT_SEL2
04D1h
IRQ8-15
I/O Port
Master: 020h
Slave:
0A0h
Type
WO
Reset Value
00h
PIC_ICW1 Register Map
76
54
32
10
RSVD
1
TRIGGER
RSVD
RSVD
RSVD
PIC_ICW1 Bit Descriptions
Bit
Name
Description
7:5
RSVD
Reserved. Write to 0.
41
Write to 1. Write to 1 to write ICW1 and enter Initialization Mode. (See Section 5.9.2
"PIC Native Registers" on page 339.)
3TRIGGER
Trigger Mode.
0: Edge.
1: Level.
2
RSVD
Reserved. Write to 0.
1
RSVD
Reserved. Write to 0.
0
RSVD
Reserved. Write to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com