Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 344 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 344 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 340Page - National Semiconductor (TI) CS5535 Datasheet HTML 341Page - National Semiconductor (TI) CS5535 Datasheet HTML 342Page - National Semiconductor (TI) CS5535 Datasheet HTML 343Page - National Semiconductor (TI) CS5535 Datasheet HTML 344Page - National Semiconductor (TI) CS5535 Datasheet HTML 345Page - National Semiconductor (TI) CS5535 Datasheet HTML 346Page - National Semiconductor (TI) CS5535 Datasheet HTML 347Page - National Semiconductor (TI) CS5535 Datasheet HTML 348Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 555 page
background image
www.national.com
344
Revision 0.8
PIC Register Descriptions (Continued)
5.9.2.9
Interrupt Request Register (PIC_IRR)
This register is accessible only after the appropriate command is written to OCW3.
5.9.2.10
In-Service Register (PIC_ISR)
This register is accessible only after the appropriate command is written to OCW3.
1:0
REG_READ
Register Read Mode.
00: No operation.
10: Read interrupt request register on next read of I/O Port 020h (master) or 0A0h
(slave).
01: No operation.
11: Read interrupt service register on next read of I/O Port 020h (master) or 0A0h
(slave).
I/O Port
Master: 020h
Slave:
0A0h
Type
RO
Reset Value
00h
PIC_IRR Register Map
76
54
32
10
IRQ7_15STS
IRQ6_14STS
IRQ5_13STS
IRQ4_12STS
IRQ3_11STS
IRQ2_10STS
IRQ1_9STS
IRQ0_8STS
PIC_IRR Bit Descriptions
Bit
Name
Description
7
IRQ7_15STS
IRQ7 / IRQ15 Status (Pending). 0: Yes; 1: No.
6
IRQ6_14STS
IRQ6 / IRQ14 Status (Pending). 0: Yes; 1: No.
5
IRQ5_13STS
IRQ5 / IRQ13 Status (Pending). 0: Yes; 1: No.
4
IRQ4_12STS
IRQ4 / IRQ12 Status (Pending). 0: Yes; 1: No.
3
IRQ3_11STS
IRQ3 / IRQ11 Status (Pending). 0: Yes; 1: No.
2
IRQ2_10STS
IRQ2 / IRQ10 Status (Pending). 0: Yes; 1: No.
1
IRQ1_9STS
IRQ1 / IRQ9 Status (Pending). 0: Yes; 1: No.
0
IRQ0_8STS
IRQ0 / IRQ8 Status (Pending). 0: Yes; 1: No.
I/O Port
Master: 020h
Slave:
0A0h
Type
RO
Reset Value
00h
PIC_ISR Register Map
76
54
32
10
IRQ7_15IS
IRQ6_14IS
IRQ5_13IS
IRQ4_12IS
IRQ3_11IS
IRQ2_10IS
IRQ1_9IS
IRQ0_8IS
PIC_OCW3 Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com