Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 346 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 346 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 342Page - National Semiconductor (TI) CS5535 Datasheet HTML 343Page - National Semiconductor (TI) CS5535 Datasheet HTML 344Page - National Semiconductor (TI) CS5535 Datasheet HTML 345Page - National Semiconductor (TI) CS5535 Datasheet HTML 346Page - National Semiconductor (TI) CS5535 Datasheet HTML 347Page - National Semiconductor (TI) CS5535 Datasheet HTML 348Page - National Semiconductor (TI) CS5535 Datasheet HTML 349Page - National Semiconductor (TI) CS5535 Datasheet HTML 350Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 555 page
background image
www.national.com
346
Revision 0.8
PIC Register Descriptions (Continued)
5.9.2.12
Interrupt Edge/Level Select 2 (PIC_INT_SEL2)
I/O Port
4D1h
Type
R/W
Reset Value
00h
PIC_INT_SEL2 Register Map
76
54
32
10
IRQ7_SEL
IRQ6_SEL
IRQ5_SEL
IRQ4_SEL
IRQ3_SEL
RSVD
IRQ1_SEL
RSVD
PIC_INT_SEL2 Bit Descriptions
Bit
Name
Description
7
IRQ15_SEL
IRQ15 Edge or Level Select. Selects PIC IRQ15 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
Note 1. If ICW1 bit 3 in the PIC is set as level, it overrides the settings of this bit. This bit is provided to configure a PCI
interrupt mapped to IRQ[x] on the PIC as level-sensitive (shared).
6
IRQ14_SEL
IRQ14 Edge or Level Select. Selects PIC IRQ14 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
5
RSVD
Reserved. Write to 0.
4
IRQ12_SEL
IRQ12 Edge or Level Select. Selects PIC IRQ12 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
3
IRQ11_SEL
IRQ11 Edge or Level Select. Selects PIC IRQ11 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
2
IRQ10_SEL
IRQ10 Edge or Level Select. Selects PIC IRQ10 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
1
IRQ9_SEL
IRQ9 Edge or Level Select. Selects PIC IRQ9 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
0
RSVD
Reserved. Write to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com