Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 349 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 349 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 345Page - National Semiconductor (TI) CS5535 Datasheet HTML 346Page - National Semiconductor (TI) CS5535 Datasheet HTML 347Page - National Semiconductor (TI) CS5535 Datasheet HTML 348Page - National Semiconductor (TI) CS5535 Datasheet HTML 349Page - National Semiconductor (TI) CS5535 Datasheet HTML 350Page - National Semiconductor (TI) CS5535 Datasheet HTML 351Page - National Semiconductor (TI) CS5535 Datasheet HTML 352Page - National Semiconductor (TI) CS5535 Datasheet HTML 353Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 555 page
background image
Revision 0.8
349
www.national.com
KEL Register Descriptions (Continued)
5.10.2 KEL Native Registers
5.10.2.1
KEL HCE Control Register (KEL_HCE_CTRL)
KEL Memory Offset 100h
Type
R/W
Reset Value
00000000h
KEL_HCE_CTRL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
KEL_HCE_CTRL Bit Descriptions
Bit
Name
Description
31:9
RSVD
Reserved. Writes have no effect; reads return 0.
8
A20State
A20 State. Indicates current state of A20 on the LPC keyboard controller. Used to com-
pare against value written to I/O Port 060h when A20Sequence is active. A20State is
set and cleared only by software.
7IRQ12Active
IRQ12 Active. Indicates that a positive transition on IRQ12 from the LPC keyboard
controller has occurred. Software may write 1 to this bit to clear (0) it. A software write
of 0 to this bit has no effect.
6
IRQ1Active
IRQ1 Active. Indicates that a positive transition on IRQ1 from the LPC keyboard con-
troller has occurred. Software may write 1 to this bit to clear (0) it. A software write of a
0 to this bit has no effect.
5
A20Sequence
A20 Sequence. Set by KEL when a data value of D1h is written to I/O Port 064h.
Cleared by KEL on write to I/O Port 064h of any value other than D1h.
4
ExternalIRQEn
External Interrupt Request Enable. When set to 1, IRQ1 and IRQ12 from the LPC
keyboard controller causes an Emulation Event. The function controlled by this bit is
independent of the setting of the EmulationEnable bit (bit 0).
3IRQEn
Interrupt Request Enable. When set, the KEL generates IRQ1 or IRQ12 as long as
the OutputFull bit in HCE_Status is set to 1. If the AuxOutputFull bit of HceStatus is 0,
then IRQ1 is generated; if it is 1, then an IRQ12 is generated.
2
CharacterPending
Character Pending, When set, an EE is generated when the OutputFull bit of the
HCE_Status register is cleared to 0.
1Emulation
Interrupt (RO)
Emulation Interrupt (Read Only). This bit is a static decode of the EE state.
Returns 1 if: CharacterPending = 1
OR InputFull = 1
OR ExternalIRQEn = 1 AND (IRQ1Active OR IRQ12Active = 1).
0
EmulationEnable
Emulation Enable. When set to 1, the KEL is enabled for legacy emulation. The KEL
decodes accesses to I/O Port 060h and 064h and generates IRQ1 and/or IRQ12 when
appropriate. Additionally, the KEL generates an ASMI at appropriate times to invoke the
emulation software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com