Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 352 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 352 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 348Page - National Semiconductor (TI) CS5535 Datasheet HTML 349Page - National Semiconductor (TI) CS5535 Datasheet HTML 350Page - National Semiconductor (TI) CS5535 Datasheet HTML 351Page - National Semiconductor (TI) CS5535 Datasheet HTML 352Page - National Semiconductor (TI) CS5535 Datasheet HTML 353Page - National Semiconductor (TI) CS5535 Datasheet HTML 354Page - National Semiconductor (TI) CS5535 Datasheet HTML 355Page - National Semiconductor (TI) CS5535 Datasheet HTML 356Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 555 page
background image
www.national.com
352
Revision 0.8
KEL Register Descriptions (Continued)
5.10.2.5
Port A (KEL_PORTA)
Bit 4 of KELX_CTL (MSR 5140001Fh[4]) is the Port A Enable bit. It must be set to 1 to enable access to this register; oth-
erwise, Port A accesses are directed to the LPC bus where a Port A register may exist in a SuperI/O device.
:
I/O Port
092h
Type
R/W
Reset Value
00h
KEL_PORTA Register Map
76
54
32
10
RSVD
A20_MASK
SYSR
KEL_PORTA Bit Descriptions
Bit
Name
Description
7:2
RSVD
Reserved. Writes have no effect; reads return 0.
1
A20_MASK
A20 Mask. This bit is necessary for older programs that require Port A Address bit 20
emulation. It requires ASMIs to be enabled in order for software to recognize the chang-
ing of this bit, and subsequent proper emulation of the A20 address bit (see
PORTA_A20_ASMI_EN bit in DIVIL GLD_MSR_SMI, MSR 51400002h[6], for ASMI
enabling details). Anytime this bit is changed an ASMI is generated.
If this bit is 1 and a 0 is written, and ASMI generation is enabled, then proper VSA oper-
ation causes a rollover of address from A[19:0] = all 1s, to A[19:0] = all 0s. Address bit
A20 is 0.
If this bit is 0 and a 1 is written, and ASMI generation is enabled, then no legacy rollover
occurs from address [19:0] = all 1s. The next incremental address is A20 = 1 and
A[19:0] = all 0.
0
SYSR
Legacy System Reset. Writing a 1 to this bit causes a system soft reset (INIT) that will
only happen if ASMIs are enabled (see PORTA_INIT_ASMI_EN bit in DIVIL
GLD_MSR_SMI, MSR 51400002h[7], for ASMI enabling details). Writing a 0 to this bit
has no effect. This bit always reads as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com