Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 354 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 354 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 350Page - National Semiconductor (TI) CS5535 Datasheet HTML 351Page - National Semiconductor (TI) CS5535 Datasheet HTML 352Page - National Semiconductor (TI) CS5535 Datasheet HTML 353Page - National Semiconductor (TI) CS5535 Datasheet HTML 354Page - National Semiconductor (TI) CS5535 Datasheet HTML 355Page - National Semiconductor (TI) CS5535 Datasheet HTML 356Page - National Semiconductor (TI) CS5535 Datasheet HTML 357Page - National Semiconductor (TI) CS5535 Datasheet HTML 358Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 555 page
background image
www.national.com
354
Revision 0.8
SMB Controller Register Descriptions (Continued)
5.11.1 SMB Native Registers
5.11.1.1
SMB Serial Data (SMB_SDA)
5.11.1.2
SMB Status (SMB_STS)
This is a read/write register with a special clear. Some of its bits may be cleared by software, as described in the table
below. This register maintains the current SMB status. On reset, and when the SMB is disabled, SMBST is cleared (00h).
SMB I/O Offset
00h
Type
R/W
Reset Value
00h
SMB_SDA Register Map
76
54
32
10
SMBSDA
SMB_SDA Bit Descriptions
Bit
Name
Description
7:0
SMBSDA
SMB Serial Data. This shift register is used to transmit and receive data. The most sig-
nificant bit is transmitted (received) first, and the least significant bit is transmitted last.
Reading or writing to the SMBSDA register is allowed only when the SDAST bit (SMB
I/O Offset 01h[6]) is set, or for repeated starts after setting the START bit (SMB I/O Off-
set 03h[0]). Any attempt to access the register in other cases may produce unpredict-
able results.
SMB I/O Offset
01h
Type
R/W
Reset Value
00h
SMB_STS Register Map
76
54
32
10
SLVSTP
SDAST
BER
NEGACK
STASTR
NMATCH
MASTER
XMIT
SMB_STS Bit Descriptions
Bit
Name
Description
7
SLVSTP (R/W1C)
Slave Stop (Read/Write 1 to Clear). Writing 0 to SLVSTP is ignored.
0: Writing 1 or SMB disabled.
1: Stop condition detected after a slave transfer in which MATCH (SMB I/O Offset
02h[2]) or GCMATCH (SMB I/O Offset 02h[3]) was set.
6
SDAST (RO)
SMB_DATA Status (Read Only).
0: Reading from SMBSDA (SMB I/O Offset 00h) during a receive, or when writing to it
during a transmit. When START (SMB I/O Offset 03h[0]) is set, reading SMBSDA
does not clear SDAST; enabling the SMB to send a repeated start in master receive
mode.
1: SMBSDA awaiting data (transmit - master or slave) or holds data that should be
read (receive - master or slave).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com