Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 351 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 351 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 347Page - National Semiconductor (TI) CS5535 Datasheet HTML 348Page - National Semiconductor (TI) CS5535 Datasheet HTML 349Page - National Semiconductor (TI) CS5535 Datasheet HTML 350Page - National Semiconductor (TI) CS5535 Datasheet HTML 351Page - National Semiconductor (TI) CS5535 Datasheet HTML 352Page - National Semiconductor (TI) CS5535 Datasheet HTML 353Page - National Semiconductor (TI) CS5535 Datasheet HTML 354Page - National Semiconductor (TI) CS5535 Datasheet HTML 355Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 555 page
background image
Revision 0.8
351
www.national.com
KEL Register Descriptions (Continued)
5.10.2.4
KEL HCE Status (KEL_HCE_STS)
The contents of the HCE_Status register are returned on an I/O read of I/O Port 064h when emulation is enabled. Reads
and writes of I/O Port 060h and writes to I/O Port 064h can cause changes in this register. Emulation software can directly
access this register through its memory address in the KEL’s operational register space. Accessing this register through its
memory address produces no side effects.
KEL Memory Offset 10Ch
Type
R/W
Reset Value
00000000h
KEL_HCE_STS Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
KEL_HCE_STS Bit Descriptions
Bit
Name
Description
31:8
RSVD
Reserved. Writes have no effect; reads return 0.
7Parity
Parity. Indicates parity error on keyboard/mouse data. The value of this bit is only
changed by a direct write to this register.
6
Timeout
Timeout. Used to indicate a timeout. The value of this bit is only changed by a direct
write to this register.
5
AuxOutputFull
Auxiliary Output Full. IRQ12 is asserted whenever this bit is set, OutputFull is set,
and IRQEn is set. The value of this bit is only changed by a direct write to this register.
4
InhibitSwitch
Inhibit Switch. This bit reflects the state of the keyboard inhibit switch and is set if the
keyboard is NOT inhibited.
3CmdData
Command Data. The KEL clears this bit on an I/O write to I/O Port 60h and sets it on
an I/O write to I/O Port 064h.
2Flag
Flag. Nominally used as a system flag by software to indicate a warm or cold boot.
1
InputFull
Input Full. Except for the case of a A20 sequence, this bit is set on an I/O write to I/O
Port 060h or 064h. While this bit is set and emulation is enabled, an emulation interrupt
occurs. This bit can only be cleared by a direct write of 0.
0
OutputFull
Output Full. The KEL clears this bit on a read of I/O Port 060h. If IRQEn is set and
AuxOutputFull is clear, then an IRQ1 is generated as long as this bit is set. If IRQEn is
set and AuxOutputFull is set, then an IRQ12 is generated as long as this bit is set. If
this bit is clear and CharacterPending in HCE_Control is set, an emulation interrupt
occurs. This bit can only be set by a direct write of this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com