Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 410 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 410 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 406Page - National Semiconductor (TI) CS5535 Datasheet HTML 407Page - National Semiconductor (TI) CS5535 Datasheet HTML 408Page - National Semiconductor (TI) CS5535 Datasheet HTML 409Page - National Semiconductor (TI) CS5535 Datasheet HTML 410Page - National Semiconductor (TI) CS5535 Datasheet HTML 411Page - National Semiconductor (TI) CS5535 Datasheet HTML 412Page - National Semiconductor (TI) CS5535 Datasheet HTML 413Page - National Semiconductor (TI) CS5535 Datasheet HTML 414Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 555 page
background image
www.national.com
410
Revision 0.8
DMA Register Descriptions (Continued)
5.13.2.11 Master DMA Channel [7:4] Memory Address (DMA_CH[x]_ADDR_BYTE)
Master DMA Channel 4 Memory Address
(DMA_CH4_ADDR_BYTE)
Master DMA Channel 5 Memory Address
(DMA_CH5_ADDR_BYTE)
Master DMA Channel 6 Memory Address
(DMA_CH6_ADDR_BYTE)
Master DMA Channel 7 Memory Address
(DMA_CH7_ADDR_BYTE)
5.13.2.12 Master DMA Channel [7:4] Transfer Count (DMA_CH[x]_CNT_BYTE)
Master DMA Channel 4 Transfer Count
(DMA_CH4_CNT_BYTE)
Master DMA Channel 5 Transfer Count
(DMA_CH5_CNT_BYTE)
Master DMA Channel 6 Transfer Count
(DMA_CH6_CNT_BYTE)
Master DMA Channel 7 Transfer Count
(DMA_CH7_CNT_BYTE)
DMA_CH3:0_WR_MSK Bit Descriptions
Bit
Name
Description
7:4
Reserved
Reserved. Write value is don’t care.
3
CH3_MASK
Channel 3 Mask Value. 0: Not masked; 1: Masked.
2
CH2_MASK
Channel 2 Mask Value. 0: Not masked; 1: Masked.
1
CH1_MASK
Channel 1 Mask Value. 0: Not masked; 1: Masked.
0
CH0_MASK
Channel 0 Mask Value. 0: Not masked; 1: Masked.
I/O Address
0C0h
Type
R/W
Reset Value
xxh
I/O Address
0C4h
Type
R/W
Reset Value
xxh
I/O Address
0C8h
Type
R/W
Reset Value
xxh
I/O Address
0CCh
Type
R/W
Reset Value
xxh
DMA_CH[x]_ADDR_BYTE Register Map
76543
210
DMA_CH_ADDR_BYTE
DMA_CH[x]_ADDR_BYTE Bit Descriptions
Bit
Name
Description
7:0
DMA_CH_ADDR_BYTE
DMA Channel Address. Read/write in two successive bus cycles, low byte first.
I/O Address
0C2h
Type
R/W
Reset Value
xxh
I/O Address
0C6h
Type
R/W
Reset Value
xxh
I/O Address
0CAh
Type
R/W
Reset Value
xxh
I/O Address
0CEh
Type
R/W
Reset Value
xxh
DMA_CH[x]_CNT_BYTE Register Map
76543
210
DMA_CH_CNT_BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com