Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 406 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 406 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 402Page - National Semiconductor (TI) CS5535 Datasheet HTML 403Page - National Semiconductor (TI) CS5535 Datasheet HTML 404Page - National Semiconductor (TI) CS5535 Datasheet HTML 405Page - National Semiconductor (TI) CS5535 Datasheet HTML 406Page - National Semiconductor (TI) CS5535 Datasheet HTML 407Page - National Semiconductor (TI) CS5535 Datasheet HTML 408Page - National Semiconductor (TI) CS5535 Datasheet HTML 409Page - National Semiconductor (TI) CS5535 Datasheet HTML 410Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 555 page
background image
www.national.com
406
Revision 0.8
DMA Register Descriptions (Continued)
5.13.2.2
Slave DMA Channel [3:0] Transfer Count (DMA_CH[x]_CNT_BYTE)
Slave DMA Channel 0 Transfer Count
(DMA_CH0_CNT_BYTE)
Slave DMA Channel 1 Transfer Count
(DMA_CH1_CNT_BYTE)
Slave DMA Channel 2 Transfer Count
(DMA_CH2_CNT_BYTE)
Slave DMA Channel 3 Transfer Count
(DMA_CH3_CNT_BYTE)
5.13.2.3
DMA Channel [3:0] Status / Command
Slave DMA Channel [3:0] Status (DMA_CH3:0_STS)
I/O Address
001h
Type
R/W
Reset Value
xxh
I/O Address
003h
Type
R/W
Reset Value
xxh
I/O Address
005h
Type
R/W
Reset Value
xxh
I/O Address
007h
Type
R/W
Reset Value
xxh
DMA_CH[x]_CNT_BYTE Register Map
76543
210
DMA_CH_CNT_BYTE
DMA_CH[x]_CNT_BYTE Bit Descriptions
Bit
Name
Description
7:0
DMA_CH_CNT_BYTE
DMA Channel Transfer Count. Read/write in two successive bus cycles, low
byte first.
I/O Address
008h
Type
R
Reset Value
00h
DMA_CH3:0_STS Register Map
76543
210
DMA_CH3_RQ DMA_CH2_RQ DMA_CH1_RQ DMA_CH0_RQ DMA_CH3_TC
DMA_CH2_TC
DMA_CH1_TC
DMA_CH0_TC
DMA_CH3:0_STATUS Bit Descriptions
Bit
Name
Description
7
DMA_CH3_RQ
Channel 3 DMA Request. 0: Not pending; 1: Pending.
6
DMA_CH2_RQ
Channel 2 DMA Request. 0: Not pending; 1: Pending.
5
DMA_CH1_RQ
Channel 1 DMA Request. 0: Not pending; 1: Pending.
4
DMA_CH0_RQ
Channel 0 DMA Request. 0: Not pending; 1: Pending.
3
DMA_CH3_TC
Channel 3 Terminal Count. 0: Count not reached; 1: Count reached.
2
DMA_CH2_TC
Channel 2 Terminal Count. 0: Count not reached; 1: Count reached.
1
DMA_CH1_TC
Channel 1 Terminal Count. 0: Count not reached; 1: Count reached.
0
DMA_CH0_TC
Channel 0 Terminal Count. 0: Count not reached; 1: Count reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com