Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 404 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 404 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 400Page - National Semiconductor (TI) CS5535 Datasheet HTML 401Page - National Semiconductor (TI) CS5535 Datasheet HTML 402Page - National Semiconductor (TI) CS5535 Datasheet HTML 403Page - National Semiconductor (TI) CS5535 Datasheet HTML 404Page - National Semiconductor (TI) CS5535 Datasheet HTML 405Page - National Semiconductor (TI) CS5535 Datasheet HTML 406Page - National Semiconductor (TI) CS5535 Datasheet HTML 407Page - National Semiconductor (TI) CS5535 Datasheet HTML 408Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 555 page
background image
www.national.com
404
Revision 0.8
DMA Register Descriptions (Continued)
5.13.1.2
DMA Shadow Channel [7:0] Mode (DMA_SHDW_CH[x])
DMA Shadow Channel 0 Mode (DMA_SHDW_CH0)
DMA Shadow Channel 1 Mode (DMA_SHDW_CH1)
DMA Shadow Channel 2 Mode (DMA_SHDW_CH2)
DMA Shadow Channel 3 Mode (DMA_SHDW_CH3)
DMA Shadow Channel 4 Mode (DMA_SHDW_CH4]
DMA Shadow Channel 5 Mode (DMA_SHDW_CH5)
DMA Shadow Channel 6 Mode (DMA_SHDW_CH6)
DMA Shadow Channel 7 Mode (DMA_SHDW_CH7)
MSR Address
51400041h
Type
RO
Reset Value
00xxh
MSR Address
51400042
Type
RO
Reset Value
00xxh
MSR Address
51400043
Type
RO
Reset Value
00xxh
MSR Address
51400044
Type
RO
Reset Value
00xxh
MSR Address
51400045h
Type
RO
Reset Value
00xxh
MSR Address
51400046h
Type
RO
Reset Value
00xxh
MSR Address
51400047h
Type
RO
Reset Value
00xxh
MSR Address
51400048h
Type
RO
Reset Value
00xxh
DMA_SHDW_CH[x] Register Map
15
14
13
12
11
10
987
6543
210
RSVD
TRANS_MODE ADDR_
DIR
AUTO_
INIT
TRANS_TYPE
CH_NUM
DMA_SHDW_CH[x] Bit Descriptions
Bit
Name
Description
15:8
RSVD
Reserved. Reads as 00h.
7:6
TRANS_MODE
Data Transfer Mode.
00: Demand.
10: Block.
01: Single.
11: Cascade
5
ADDR_DIR
Address Direction. 0: Increment; 1: Decrement.
4
AUTO_INIT
Auto-Initialization Enable. 0: Disabled; 1: Enabled.
3:2
TRANS_TYPE
Transfer Type.
00: Verify.
10: Memory read.
01: Memory write.
11: Reserved.
1:0
CH_NUM
Channel Number [3:0].
00: Channel 0.
10: Channel 2.
01: Channel 1.
11: Channel 3.
Channel Number [7:4].
00: Channel 4.
10: Channel 6.
01: Channel 5.
11: Channel 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com