Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 400 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 400 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 396Page - National Semiconductor (TI) CS5535 Datasheet HTML 397Page - National Semiconductor (TI) CS5535 Datasheet HTML 398Page - National Semiconductor (TI) CS5535 Datasheet HTML 399Page - National Semiconductor (TI) CS5535 Datasheet HTML 400Page - National Semiconductor (TI) CS5535 Datasheet HTML 401Page - National Semiconductor (TI) CS5535 Datasheet HTML 402Page - National Semiconductor (TI) CS5535 Datasheet HTML 403Page - National Semiconductor (TI) CS5535 Datasheet HTML 404Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 555 page
background image
www.national.com
400
Revision 0.8
5.13 DIRECT MEMORY ACCESS REGISTER DESCRIPTIONS
The registers for the Direct Memory Access (DMA) are
divided into three sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 on page 299.)
• DMA Specific MSRs
• DMA Native Registers
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
All MSRs are 64 bits, however, the DMA Specific MSRs
(summarized in Table 5-52) are called out as 16 bits. The
DMA module treats writes to the upper 48 bits (i.e., bits
[63:16]) of the 64-bit MSRs as don’t cares and always
returns 0 on these bits.
The Native registers associated with the DMA module are
summarized in Table 5-53 and accessed as I/O Addresses.
The reference column in the summary tables point to the
page where the register maps and bit descriptions are
listed.
Table 5-52. DMA Specific MSRs Summary
MSR Address
Type
Register Name
Reset Value
Reference
51400040h
R/W
DMA Mapper (DMA_MAP)
0000h
Page 403
51400041h
RO
DMA Shadow Channel 0 Mode
(DMA_SHDW_CH0)
00xxh
Page 404
51400042
RO
DMA Shadow Channel 1 Mode
(DMA_SHDW_CH1)
00xxh
Page 404
51400043
RO
DMA Shadow Channel 2 Mode
(DMA_SHDW_CH2)
00xxh
Page 404
51400044
RO
DMA Shadow Channel 3 Mode
(DMA_SHDW_CH3)
00xxh
Page 404
51400045h
RO
DMA Shadow Channel 4 Mode
(DMA_SHDW_CH4]
00xxh
Page 404
51400046h
RO
DMA Shadow Channel 5 Mode
(DMA_SHDW_CH5)
00xxh
Page 404
51400047h
RO
DMA Shadow Channel 6 Mode
(DMA_SHDW_CH6)
00xxh
Page 404
51400048h
RO
DMA Shadow Channel 7 Mode
(DMA_SHDW_CH7)
00xxh
Page 404
51400049h
RO
DMA Shadow Mask (DMA_MSK_SHDW)
00FFh
Page 405
Table 5-53. DMA Native Registers Summary
I/O Address
Type
Width
(Bits)
Register Name
Reset Value
Reference
000h
R/W
8
Slave DMA Channel 0 Memory Address
(DMA_CH0_ADDR_BYTE)
xxh
Page 405
001h
R/W
8
Slave DMA Channel 0 Transfer Count
(DMA_CH0_CNT_BYTE)
xxh
Page 406
002h
R/W
8
Slave DMA Channel 1 Memory Address
(DMA_CH1_ADDR_BYTE)
xxh
Page 405
003h
R/W
8
Slave DMA Channel 1 Transfer Count
(DMA_CH1_CNT_BYTE)
xxh
Page 406
004h
R/W
8
Slave DMA Channel 2 Memory Address
(DMA_CH2_ADDR_BYTE)
xxh
Page 405
005h
R/W
8
Slave DMA Channel 2 Transfer Count
(DMA_CH2_CNT_BYTE)
xxh
Page 406



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com