Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 397 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 397 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 393Page - National Semiconductor (TI) CS5535 Datasheet HTML 394Page - National Semiconductor (TI) CS5535 Datasheet HTML 395Page - National Semiconductor (TI) CS5535 Datasheet HTML 396Page - National Semiconductor (TI) CS5535 Datasheet HTML 397Page - National Semiconductor (TI) CS5535 Datasheet HTML 398Page - National Semiconductor (TI) CS5535 Datasheet HTML 399Page - National Semiconductor (TI) CS5535 Datasheet HTML 400Page - National Semiconductor (TI) CS5535 Datasheet HTML 401Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 555 page
background image
Revision 0.8
397
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.10.4 Bank Select Register (BSR)
BSR is the same as the BSR register at I/O Offset 03h in Bank 0. See Section 5.12.3.4 "Link Control/Bank Select Regis-
ters" on page 373 for bit descriptions.
4
RCDM_DS
Receiver Demodulation Disable. When this bit is 1, the internal demodulator is dis-
abled. The internal demodulator, when enabled, performs carrier frequency checking and
envelope generation. This bit must be set to 1 (disabled) when the demodulation is per-
formed externally, or when oversampling mode is selected to determine the carrier fre-
quency.
3
RSVD
Reserved. Write as 0.
2
TXHSC
Transmitter Subcarrier Frequency Select. This bit selects the modulation carrier fre-
quency range.
0: Low frequency: 30.0-56.9 kHz.
1: High frequency: 400-480 kHz.
1:0
RC_MMD[1:0]
Transmitter Modulator Mode. Determines how IR pulses are generated from the trans-
mitted bit string.
00: C_PLS modulation mode. Pulses are generated continuously for the entire logic 0 bit
time.
01: 8_PLS modulation mode. 8 pulses are generated each time one or more logic 0 bits
are transmitted following a logic 1 bit.
10: 6_PLS Modulation Mode. 6 pulses are generated each time one or more logic 0 bits
are transmitted following a logic 1 bit.
11: Reserved. Result is indeterminate.
I/O Offset
03h
Type
R/W
Reset Value
00h
RCCFG Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com