Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 395 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 395 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 391Page - National Semiconductor (TI) CS5535 Datasheet HTML 392Page - National Semiconductor (TI) CS5535 Datasheet HTML 393Page - National Semiconductor (TI) CS5535 Datasheet HTML 394Page - National Semiconductor (TI) CS5535 Datasheet HTML 395Page - National Semiconductor (TI) CS5535 Datasheet HTML 396Page - National Semiconductor (TI) CS5535 Datasheet HTML 397Page - National Semiconductor (TI) CS5535 Datasheet HTML 398Page - National Semiconductor (TI) CS5535 Datasheet HTML 399Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 555 page
background image
Revision 0.8
395
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.10.2 IR Transmitter Modulator Control Register (IRTXMC)
IRTXMC selects the modulation subcarrier parameters for CEIR and Sharp-IR mode transmission. For Sharp-IR, only the
subcarrier pulse width is controlled by this register; the subcarrier frequency is fixed at 500 kHz.
After reset, the value of this register is 69h, selecting a carrier frequency of 36 kHz and an IR pulse width of 7 µs for CEIR,
or a pulse width of 0.8 µs for Sharp-IR.
I/O Offset
01h
Type
R/W
Reset Value
69h
IRTXMC Bit Map
76
54
32
10
MCPW[2:0]
MCFR[4:0]
IRTXMC Bit Descriptions
Bit
Name
Description
7:5
MCPW[2:0]
Modulation Subcarrier Pulse Width. Specifies the pulse width of the subcarrier clock,
as shown in Table 5-49. (Default = 011.)
4:0
MCFR[4:0]
Modulation Subcarrier Frequency. These bits set the frequency for the CEIR modula-
tion subcarrier. The encoding is defined in Table 5-50. (Default = 01001.)
Table 5-49. Modulation Carrier Pulse Width
MCPW[2:0]
Low Frequency (TXHSC = 0) (CEIR only)
High Frequency (TXHSC = 1) (CEIR or Sharp-IR)
0 0 0
Reserved
Reserved
0 0 1
Reserved
Reserved
0 1 0
6.0 µs
0.7 µs
0 1 1
7.0 µs
0.8 µs
1 0 0
9.0 µs
0.9 µs
1 0 1
10.6
µs
Reserved
1 1 0
Reserved
Reserved
1 1 1
Reserved
Reserved
Table 5-50. CEIR Carrier Frequency Encoding
MCFR[4:0]
Low Frequency (TXHSC = 0)
High Frequency (TXHSC = 1)
00000
Reserved
Reserved
00001
Reserved
Reserved
00010
Reserved
Reserved
00011
30 kHz
400 kHz
00100
31 kHz
Reserved
00101
32 kHz
Reserved
00110
33 kHz
Reserved
00111
34 kHz
Reserved
01000
35 kHz
450 kHz
01001
36 kHz
Reserved
01010
37 kHz
Reserved
01011
38 kHz
480 kHz
01100
39 kHz
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com