Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 391 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 391 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 387Page - National Semiconductor (TI) CS5535 Datasheet HTML 388Page - National Semiconductor (TI) CS5535 Datasheet HTML 389Page - National Semiconductor (TI) CS5535 Datasheet HTML 390Page - National Semiconductor (TI) CS5535 Datasheet HTML 391Page - National Semiconductor (TI) CS5535 Datasheet HTML 392Page - National Semiconductor (TI) CS5535 Datasheet HTML 393Page - National Semiconductor (TI) CS5535 Datasheet HTML 394Page - National Semiconductor (TI) CS5535 Datasheet HTML 395Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 555 page
background image
Revision 0.8
391
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.9 Bank 6 Register Descriptions
The bit formats for the registers in Bank 6 are summarized in Table 5-44. Detailed descriptions of each register follow.
5.12.9.1
IR Control Register 3 (IRCR3)
IRCR3 is used to select the operating mode of the Sharp-IR interface.
Table 5-44. Bank 6 Bit Map
Register
Bits
I/O
Offset
Name
7
6
5
4
3210
00h
IRCR3
SHDM_DS
SHMD_DS
RSVD
01h
RSVD
RSVD
02h
SIR_PW
RSVD
SPW3
SPW2
SPW1
SPW0
03h
BSR
BKSE
BSR[6:0]
04h-07h
RSVD
RSVD
I/O Offset
00h
Type
R/W
Reset Value
20h
IRCR3 Register Map
76
54
32
10
SHDM_DS
SHMD_DS
RSVD
IRCR3 Bit Descriptions
Bit
Name
Description
7
SHDM_DS
Sharp-IR Demodulation Disable.
0: Internal 500 kHz receiver demodulation enabled (Default).
1: Internal demodulation disabled.
6
SHMD_DS
Sharp-IR Modulation Disable.
0: Internal 500 kHz transmitter modulation enabled (Default).
1: Internal modulation disabled.
5:0
RSVD
Reserved. Read as written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com