Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 387 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 387 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 383Page - National Semiconductor (TI) CS5535 Datasheet HTML 384Page - National Semiconductor (TI) CS5535 Datasheet HTML 385Page - National Semiconductor (TI) CS5535 Datasheet HTML 386Page - National Semiconductor (TI) CS5535 Datasheet HTML 387Page - National Semiconductor (TI) CS5535 Datasheet HTML 388Page - National Semiconductor (TI) CS5535 Datasheet HTML 389Page - National Semiconductor (TI) CS5535 Datasheet HTML 390Page - National Semiconductor (TI) CS5535 Datasheet HTML 391Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 555 page
background image
Revision 0.8
387
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.5.6
RX_FIFO Current Level Register (RXFLV)
RXFLV returns the number of bytes in the RX_FIFO. It can be used for software debugging.
5.12.6 Bank 3 Register Descriptions
The bit formats for the registers in Bank 3 are summarized in Table 5-41. Detailed descriptions of each register follow.
5.12.6.1
Module Identification and Revision ID Register (MRID)
MRID identifies the revision of the module. When read, it returns the module ID and revision level in the format 0xh, where
x indicates the revision number.
I/O Offset
07h
Type
RO
Reset Value
00h
RXFLV Register Map
76
54
32
10
RSVD
RFL[5:0]
RXFLV Bit Descriptions
Bit
Name
Description
7:6
RSVD
Reserved. Return 0s.
5:0
RFL[5:0]
Number of Bytes in RX_FIFO. These bits specify the number of bytes in the RX_FIFO.
Note:
The contents of TXFLV and RXFLV are not frozen during CPU reads. Therefore,
invalid data could be returned if the CPU reads these registers during normal
transmitter and receiver operation. To obtain correct data, the software should
perform three consecutive reads and then take the data from the second read if
the first and second reads yield the same result. It can also be taken from the
third read if the first and second reads yield different results.
Table 5-41. Bank 3 Bit Map
Register
Bits
I/O Offset
Name
7654
3210
00h
MRID
MID[3:0]
RID[3:0]
01h
SH_LCR
RSVD
SBRK
STKP
EPS
PEN
STB
WLS1
WLS0
02h
SH_FCR
RXFTH[1:0]
TXFTH[1:0]
RSVD
TXSR
RXSR
FIFO_EN
03h
BSR
BKSE
BSR[6:0]
04h-07h
RSVD
RSVD
I/O Offset
00h
Type
RO
Reset Value
0xh
MRID Register Map
76
54
32
10
MID[3:0]
RID[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com