Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 383 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 383 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 379Page - National Semiconductor (TI) CS5535 Datasheet HTML 380Page - National Semiconductor (TI) CS5535 Datasheet HTML 381Page - National Semiconductor (TI) CS5535 Datasheet HTML 382Page - National Semiconductor (TI) CS5535 Datasheet HTML 383Page - National Semiconductor (TI) CS5535 Datasheet HTML 384Page - National Semiconductor (TI) CS5535 Datasheet HTML 385Page - National Semiconductor (TI) CS5535 Datasheet HTML 386Page - National Semiconductor (TI) CS5535 Datasheet HTML 387Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 555 page
background image
Revision 0.8
383
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.5 Bank 2 Register Descriptions
The bit formats for the registers in Bank 2 are summarized in Table 5-39. Detailed descriptions of each register follow.
5.12.5.1
Baud Generator Divisor Port
Baud Generator Divisor Low Byte (BGD_L)
Baud Generator Divisor High Byte (BGD_H)
This port performs the same function as the Legacy Baud Divisor port in Bank 1 and is accessed identically, but does not
change the operation mode of the functional block when accessed. See Section 5.12.4.1 "Legacy Baud Generator Divisor
Port" on page 381 for more details.
Use this port to set the baud when operating in extended mode to avoid fallback to a non-extended operation mode (i.e.,
16550 compatible). When programming the baud, writing to BGD_H causes the baud to change immediately.
5.12.5.2
Extended Control Register 1 (EXCR1)
Use this register to control operation in the extended mode. Upon reset, all bits are set to 0.
Table 5-39. Bank 2 Bit Map
Register
Bits
I/O
Offset
Name
76
543
210
00h
BGD_L
BGD[7:0]
01h
BGD_H
BGD[15:8]
02h
EXCR1
RSVD
EDTLBK
LOOP
DMASWP
DMATH
DMANF
EXT_SL
03h
BSR
BKSE
BSR[6:0]
04h
EXCR2
LOCK
RSVD
PRESL[1:0]
RF_SIZ[1:0]
TF_SIZ1[1:0]
05h
RSVD
RSVD
06h
TXFLV
RSVD
TFL[5:0]
07h
RXFLV
RSVD
RFL[5:0]
I/O Offset
00h
Type
R/W
Reset Value
xxh
I/O Offset
01h
Type
R/W
Reset Value
xxh
I/O Offset
02h
Type
R/W
Reset Value
00h
EXCR1 Register Map
76
54
32
10
RSVD
EDTLBK
LOOP
DMASWP
DMATH
DMANF
EXT_SL
EXCR1 Bit Descriptions
Bit
Name
Description
7:6
RSVD
Reserved. Write as 0.
5EDTLBK
Enable Transmitter During Loopback. When this bit is set to 1, the transmitter serial
output is enabled and functions normally when loopback is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com