Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 384 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 384 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 380Page - National Semiconductor (TI) CS5535 Datasheet HTML 381Page - National Semiconductor (TI) CS5535 Datasheet HTML 382Page - National Semiconductor (TI) CS5535 Datasheet HTML 383Page - National Semiconductor (TI) CS5535 Datasheet HTML 384Page - National Semiconductor (TI) CS5535 Datasheet HTML 385Page - National Semiconductor (TI) CS5535 Datasheet HTML 386Page - National Semiconductor (TI) CS5535 Datasheet HTML 387Page - National Semiconductor (TI) CS5535 Datasheet HTML 388Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 555 page
background image
www.national.com
384
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
4LOOP
Loopback Enable. During loopback, the transmitter output is connected internally to the
receiver input, to enable system self-test of serial communication. In addition to the data
signal, all additional signals within the UART are interconnected to enable real transmis-
sion and reception using the UART mechanisms. When this bit is set to 1, loopback is
selected. This bit accesses the same internal register as bit 4 in the MCR, when the
UART is in a non-extended mode. Loopback behaves similarly in both non-extended and
extended modes. When extended mode is selected, the DTR bit of the MCR internally
drives both DSR and RI, and the RTS bit drives CTS and DCD.
During loopback, the following occurs:
• The transmitter and receiver interrupts are fully operational. The modem status inter-
rupts are also fully operational, but the interrupt sources are now the lower bits of the
MCR. Modem interrupts in IR modes are disabled unless the IRMSSL bit of the IRCR2
is 0. Individual interrupts are still controlled by the IER bits.
• The DMA control signals are fully operational.
• UART and IR receiver serial input signals are disconnected. The internal receiver input
signals are connected to the corresponding internal transmitter output signals.
• The UART transmitter serial output is forced high and the IR transmitter serial output is
forced low, unless the ETDLBK bit is set to 1, in which case they function normally.
• The virtual modem signals of MSR_UART[x]_MOD register (DSR, CTS, RI and DCD)
are disconnected. The internal modem status signals are driven by the lower bits of
the MCR.
3
DMASWP
DMA Swap. This bit selects the routing of the DMA control signals between the internal
DMA logic and configuration module of the chip. When this bit is 0, the transmitter and
receiver DMA control signals are not swapped. When it is 1, they are swapped. A block
diagram illustrating the control signals routing is shown in Figure 5-2 "DMA Control Sig-
nals Routing" on page 385. The swap feature is particularly useful when only one 8237
DMA channel is used to serve both transmitter and receiver. In this case, only one exter-
nal DMA Request/DMA Acknowledge pair is interconnected to the swap logic by the con-
figuration module. Routing the external DMA channel to either the transmitter or receiver
DMA logic is then controlled by the DMASWP bit. This way, the IR device drivers do not
need to know the details of the configuration module.
2DMATH
DMA FIFO Threshold. This bit selects the TX_FIFO and RX_FIFO threshold levels used
by the DMA request logic to support demand transfer mode. A transmission DMA request
is generated when the TX_FIFO level is below the threshold. A reception DMA request is
generated when the RX_FIFO level reaches the threshold or when an RX_FIFO timeout
occurs. Table 5-40 lists the threshold levels for each FIFO.
1DMANF
DMA Fairness Control. This bit controls the maximum duration of DMA burst transfers.
0: DMA requests forced inactive after approximately 10.5 µs of continuous transmitter
and/or receiver DMA operation (default).
1: TX-DMA request is deactivated when the TX_FIFO is full. An RX DMA request is
deactivated when the RX_FIFO is empty.
0
EXT_SL
Extended Mode Select. When set to 1, extended mode is selected.
EXCR1 Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com